전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M0564LG4AE 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 M0564LG4AE
상세설명  32-BIT MICROCONTROLLER
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

M0564LG4AE 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button M0564LG4AE Datasheet HTML 7Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 8Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 11Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 12Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 13Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 14Page - List of Unclassifed Manufacturers M0564LG4AE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 161 page
background image
M0564
May 05, 2017
Page 11 of 161
Rev 1.00
2
FEATURES
2.1 NuMicro
® M0564 Features
Core
ARM
® Cortex® -M0 core running up to 72 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Supports programmable mask-able interrupts
Serial Wire Debug supports with 2 watch-points/4 breakpoints
Built-in LDO for wide operating voltage ranged from 2.5V to 5.5V
Flash Memory
Supports 256/128 KB application ROM (APROM)
Supports 4 KB Flash for loader (LDROM)
Supports 2 KB Security Protection Rom (SPROM)
Supports 12 bytes User Configuration block to control system initiation
Supports Data Flash with configurable memory size
Supports 2 KB page erase for all embedded flash
Supports In-System-Programming (ISP), In-Application-Programming (IAP) update
embedded flash memory
Supports CRC-32 checksum calculation function
Supports flash all one verification function
Hardware external read protection of whole flash memory by Security Lock Bit
Supports 2-wired ICP update through SWD/ICE interface
SRAM Memory
20 KB embedded SRAM
Supports byte-, half-word- and word-access
Supports PDMA mode
Hardware Divider
Signed (two’s complement) integer calculation
32-bit dividend with 16-bit divisor calculation capacity
32-bit quotient and 32-bit remainder outputs (16-bit remainder with sign extends to 32-
bit)
Divided by zero warning flag
6 HCLK clocks taken for one cycle calculation
Write divisor to trigger calculation
Waiting for calculation ready automatically when reading quotient and remainder
PDMA (Peripheral DMA)
Supports 5 independent configurable channels for automatic data transfer between
memories and peripherals
Supports single and burst transfer type
Supports Normal and Scatter-Gather Transfer modes
Supports two types of priorities modes: Fixed-priority and Round-robin modes
Supports byte-, half-word- and word-access
Supports incrementing mode for the source and destination address for each channel
Supports time-out function for channel 0 and channel 1
Supports software and SPI/I2S, UART, USCI, ADC, PWM and TIMER request
Clock Control


유사한 부품 번호 - M0564LG4AE

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
M0564LG4AE NUVOTON-M0564LG4AE Datasheet
2Mb / 139P
   ARM CORTEX짰-M 32-BIT MICROCONTROLLER
More results

유사한 설명 - M0564LG4AE

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com