전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ5.0CA-H 데이터시트(PDF) 2 Page - Bourns Electronic Solutions

부품명 SMAJ5.0CA-H
상세설명  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMAJ5.0CA-H 데이터시트(HTML) 2 Page - Bourns Electronic Solutions

  SMAJ5.0CA-H Datasheet HTML 1Page - Bourns Electronic Solutions SMAJ5.0CA-H Datasheet HTML 2Page - Bourns Electronic Solutions SMAJ5.0CA-H Datasheet HTML 3Page - Bourns Electronic Solutions SMAJ5.0CA-H Datasheet HTML 4Page - Bourns Electronic Solutions SMAJ5.0CA-H Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SMAJTransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part No.
Marking
Part No.
Marking Min. Max. @ IT (mA) VRWM (V)
IR (μA)
VRSM (V)
IRSM (A)
SMAJ5.0A
HE
SMAJ5.0CA
TE
6.40
7.00
10
5.0
800
9.2
43.5
SMAJ6.0A
HG
SMAJ6.0CA
TG
6.67
7.37
10
6.0
800
10.3
38.8
SMAJ6.5A
HK
SMAJ6.5CA
TK
7.22
7.98
10
6.5
500
11.2
35.7
SMAJ7.0A
HM
SMAJ7.0CA
TM
7.78
8.60
10
7.0
200
12.0
33.3
SMAJ7.5A
HP
SMAJ7.5CA
TP
8.33
9.21
1.0
7.5
100
12.9
31.0
SMAJ8.0A
HR
SMAJ8.0CA
TR
8.89
9.83
1.0
8.0
50
13.6
29.4
SMAJ8.5A
HT
SMAJ8.5CA
TT
9.44
10.4
1.0
8.5
20
14.4
27.8
SMAJ9.0A
HV
SMAJ9.0CA
TV
10.0
11.1
1.0
9.0
10
15.4
26.0
SMAJ10A
HX
SMAJ10CA
TX
11.1
12.3
1.0
10
5
17.0
23.5
SMAJ11A
HZ
SMAJ11CA
TZ
12.2
13.5
1.0
11
1.0
18.2
22.0
SMAJ12A
IE
SMAJ12CA
UE
13.3
14.7
1.0
12
1.0
19.9
20.1
SMAJ13A
IG
SMAJ13CA
UG
14.4
15.9
1.0
13
1.0
21.5
18.6
SMAJ14A
IK
SMAJ14CA
UK
15.6
17.2
1.0
14
1.0
23.2
17.2
SMAJ15A
IM
SMAJ15CA
UM
16.7
18.5
1.0
15
1.0
24.4
16.4
SMAJ16A
IP
SMAJ16CA
UP
17.8
19.7
1.0
16
1.0
26.0
15.3
SMAJ17A
IR
SMAJ17CA
UR
18.9
20.9
1.0
17
1.0
27.6
14.5
SMAJ18A
IT
SMAJ18CA
UT
20.0
22.1
1.0
18
1.0
29.2
13.7
SMAJ20A
IV
SMAJ20CA
UV
22.2
24.5
1.0
20
1.0
32.4
12.3
SMAJ22A
IX
SMAJ22CA
UX
24.4
26.9
1.0
22
1.0
35.5
11.3
SMAJ24A
IZ
SMAJ24CA
UZ
26.7
29.5
1.0
24
1.0
38.9
10.3
SMAJ26A
JE
SMAJ26CA
VE
28.9
31.9
1.0
26
1.0
42.1
9.5
SMAJ28A
JG
SMAJ28CA
VG
31.1
34.4
1.0
28
1.0
45.4
8.8
SMAJ30A
JK
SMAJ30CA
VK
33.3
36.8
1.0
30
1.0
48.4
8.3
SMAJ33A
JM
SMAJ33CA
VM
36.7
40.6
1.0
33
1.0
53.3
7.5
SMAJ36A
JP
SMAJ36CA
VP
40
44.2
1.0
36
1.0
58.1
6.9
SMAJ40A
JR
SMAJ40CA
VR
44.4
49.1
1.0
40
1.0
64.5
6.2
SMAJ43A
JT
SMAJ43CA
VT
47.8
52.8
1.0
43
1.0
69.4
5.8
SMAJ45A
JV
SMAJ45CA
VV
50
55.3
1.0
45
1.0
72.7
5.5
SMAJ48A
JX
SMAJ48CA
VX
53.3
58.9
1.0
48
1.0
77.4
5.2
SMAJ51A
JZ
SMAJ51CA
VZ
56.7
62.7
1.0
51
1.0
82.4
4.9
SMAJ54A
RE
SMAJ54CA
WE
60
66.3
1.0
54
1.0
87.1
4.6
SMAJ58A
RG
SMAJ58CA
WG
64.4
71.2
1.0
58
1.0
93.6
4.3
SMAJ60A
RK
SMAJ60CA
WK
66.7
73.7
1.0
60
1.0
96.8
4.1
SMAJ64A
RM
SMAJ64CA
WM
71.1
78.6
1.0
64
1.0
103
3.9
SMAJ70A
RP
SMAJ70CA
WP
77.8
86.0
1.0
70
1.0
113
3.5
SMAJ75A
RR
SMAJ75CA
WR
83.3
92.1
1.0
75
1.0
121
3.3
SMAJ78A
RT
SMAJ78CA
WT
86.7
95.8
1.0
78
1.0
126
3.2
SMAJ85A
RV
SMAJ85CA
WV
94.4
104
1.0
85
1.0
137
2.9
SMAJ90A
RX
SMAJ90CA
WX
100
111
1.0
90
1.0
146
2.7
SMAJ100A
RZ
SMAJ100CA
WZ
111
123
1.0
100
1.0
162
2.5
SMAJ110A
SE
SMAJ110CA
XE
122
135
1.0
110
1.0
177
2.3
SMAJ120A
SG
SMAJ120CA
XG
133
147
1.0
120
1.0
193
2.1
SMAJ130A
SK
SMAJ130CA
XK
144
159
1.0
130
1.0
209
1.9
SMAJ150A
SM
SMAJ150CA
XM
167
185
1.0
150
1.0
243
1.6
SMAJ160A
SP
SMAJ160CA
XP
178
197
1.0
160
1.0
259
1.5
SMAJ170A
SR
SMAJ170CA
XR
189
209
1.0
170
1.0
275
1.5
SMAJ180A
ST
SMAJ180CA
XT
201
222
1.0
180
1.0
292
1.4
SMAJ200A
SV
SMAJ200CA
XV
224
247
1.0
200
1.0
324
1.2
SMAJ220A
SX
SMAJ220CA
XX
246
272
1.0
220
1.0
356
1.1
SMAJ250A
SZ
SMAJ250CA
XZ
279
309
1.0
250
1.0
405
1.0
SMAJ300A
FE
SMAJ300CA
GE
335
371
1.0
300
1.0
486
0.8
SMAJ350A
FG
SMAJ350CA
GG
391
432
1.0
350
1.0
567
0.7
SMAJ400A
FK
SMAJ400CA
GK
447
494
1.0
400
1.0
648
0.6
SMAJ434A
434U
SMAJ434CA
434D
485
535
1.0
434
1.0
698
0.6
SMAJ440A
FM
SMAJ440CA
GM
492
543
1.0
440
1.0
713
0.6
SMAJ495A
495U
SMAJ495CA
495D
522
578
1.0
495
1.0
760
0.5
Notes: 1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.


유사한 부품 번호 - SMAJ5.0CA-H

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
More results

유사한 설명 - SMAJ5.0CA-H

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com