전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ7.0 데이터시트(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

부품명 SMAJ7.0
상세설명  SMAK Plastic-Encapsulate Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
홈페이지  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SMAJ7.0 데이터시트(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  SMAJ7.0 Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ7.0 Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ7.0 Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ7.0 Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ7.0 Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ7.0 Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd SMAJ7.0 Datasheet HTML 7Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
//htmlimg2.alldatasheet.co.kr/htmldatasheet2/951041/HDSEMI/SMAJ7.0/216/1/SMAJ7.0.png


유사한 부품 번호 - SMAJ7.0

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ7.0 JGD-SMAJ7.0 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMAJ7.0 TSC-SMAJ7.0 Datasheet
197Kb / 7P
   400W, 5V - 188V Surface Mount Transient Voltage Suppressor
logo
RFE international
SMAJ7.0 RFE-SMAJ7.0 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Shenzhen Luguang Electr...
SMAJ7.0 LUGUANG-SMAJ7.0 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ7.0 UNSEMI-SMAJ7.0 Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

유사한 설명 - SMAJ7.0

제조업체부품명데이터시트상세설명
logo
Jiangsu High diode Semi...
SK22A HDSEMI-SK22A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SS34L-SMA HDSEMI-SS34L-SMA Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
US1A-SMAK HDSEMI-US1A-SMAK Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
1SMA5913A HDSEMI-1SMA5913A Datasheet
1Mb / 5P
   SMAK Plastic-Encapsulate Diodes
SS34L HDSEMI-SS34L Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
RS1A HDSEMI-RS1A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SK12A HDSEMI-SK12A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SS52A HDSEMI-SS52A Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
SMA5913B-3W HDSEMI-SMA5913B-3W Datasheet
1Mb / 5P
   SMAK Plastic-Encapsulate Diodes
US2AA HDSEMI-US2AA Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
S1A-SMAK HDSEMI-S1A-SMAK Datasheet
1Mb / 4P
   SMAK Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com