전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX25XX 데이터시트(PDF) 10 Page - Littelfuse

부품명 QXX25XX
상세설명  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25XX 데이터시트(HTML) 10 Page - Littelfuse

Back Button QXX25XX Datasheet HTML 3Page - Littelfuse QXX25XX Datasheet HTML 4Page - Littelfuse QXX25XX Datasheet HTML 5Page - Littelfuse QXX25XX Datasheet HTML 6Page - Littelfuse QXX25XX Datasheet HTML 7Page - Littelfuse QXX25XX Datasheet HTML 8Page - Littelfuse QXX25XX Datasheet HTML 9Page - Littelfuse QXX25XX Datasheet HTML 10Page - Littelfuse QXX25XX Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Product Selector
Packing Options
Part Number
Voltage
Gate Sensitivity Quadrants
Package
400V
600V
800V
1000V
I - II - III
IV
Qxx25R5
X
X
X
X
50 mA
120 mA (TYP)
TO-220R
Qxx25N5
X
X
X
X
50 mA
120 mA (TYP)
TO-263 D2-Pak
Qxx25P5
X
X
50 mA
120 mA (TYP)
Fastpak
Qxx25RH51
X
X
X
50 mA
TO-220R
Qxx25LH5
X
X
X
50 mA
TO-220L
Qxx25NH5
X
X
X
50 mA
TO-263 D2-Pak
Qxx25R6
X
X
X
X
80 mA
TO-220R
Qxx25L6
X
X
X
X
80 mA
TO-220L
Qxx25NH6
X
X
X
X
80 mA
TO-263 D2-Pak
Qxx25J6
X
X
X
80 mA
TO-218X
Qxx25K6
X
X
X
X
80 mA
TO-218AC
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx25R5TP
Qxx25R5
2.20g
Tube
500 (50 per tube)
Qxx25N5TP
Qxx25N5
1.60g
Tube
500 (50 per tube)
Qxx25N5RP
Qxx25N5
1.60g
Embossed Carrier
500
Qxx25RH5TP
Qxx25RH5
2.20g
Tube
500 (50 per tube)
Qxx25LH5TP
Qxx25LH5
2.20g
Tube
500 (50 per tube)
Qxx25NH5TP
Qxx25NH5
1.60g
Tube
500 (50 per tube)
Qxx25NH5RP
Qxx25NH5
1.60g
Embossed Carrier
500
Qxx25R6TP
Qxx25R6
2.20g
Tube
500 (50 per tube)
Qxx25L6TP
Qxx25L6
2.20g
Tube
500 (50 per tube)
Qxx25NH6TP
Qxx25NH6
1.60g
Tube
500 (50 per tube)
Qxx25NH6RP
Qxx25NH6
1.60g
Embossed Carrier
500
Qxx25J6TP
Qxx25J6
5.23g
Tube
250 (25 per tube)
Qxx25K6TP
Qxx25K6
4.40g
Tube
250 (25 per tube)
Note: (1) Not recommend for new design


유사한 부품 번호 - QXX25XX

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25J6 LITTELFUSE-QXX25J6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
QXX25J6TP LITTELFUSE-QXX25J6TP Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25J6TP LITTELFUSE-QXX25J6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results

유사한 설명 - QXX25XX

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com