전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL22DNAW016B 데이터시트(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 TL22DNAW016B
상세설명  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22DNAW016B 데이터시트(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22DNAW016B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW016B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW016B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW016B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW016B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22DNAW016B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series TL
Fully Illuminated Toggles
A129
A
www.nkkswitches.com
Exopy Seal
(3.0)
.118
(2.0)
.079
Solder Lug
Thk = (0.8) Typ
.031
(1.17)
.046
(2.0) Typ
.079
(1.1) Typ
.043
(5.0)
.197
(5.4)
.213
Turret LED
Thk = (0.6)
.024
(3.5)
.138
CONTACT MATERIALS, RATINGS, & TERMINALS
Silver Contacts Power Level
6A @ 125V AC & 3A @ 250V AC
& 6A @ 12V DC
W
01
G
Gold Contacts Logic Level
0.4VA maximum @ 28V AC/DC
See Supplement Index for complete explanation of operating range.
TOGGLE LENGTHS & COLORS
.689” (17.5mm)
D
(17.5)
.689
(11.0)
.433
S
Combines with
Silver Contacts only
Material:
Polycarbonate
Combines with
Gold Contacts only
Material:
Polycarbonate
HOUSING
Black
A
The housing consists of the one-piece bushing/case of
glass fiber reinforced polyamide in black color only.
The diallyl phthalate material used for the base is UL
flammability rated 94V-0; housing material is not.
Colors Available for Bright LED
Red
Amber
Green
C
D
F
N
Color Available for Super Bright LED
No Color (Appearance is matte
finish of clear material)
Solder Lug Terminals
.433” (11.0mm)
POLE & CIRCUIT
Toggle Position
Connected Terminals
Throw & Power/Lamp Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Notes: Terminal numbers are not actually on
switch. Lamp circuit is isolated and
requires an external power source.
DP
TL22
ON
NONE
ON
1-1b 2-2b OPEN 1-1a 2-2a
DPDT
(+)
(-)
Keyway
Keyway
1
1b
2b
2
(COM)
1a
2a


유사한 부품 번호 - TL22DNAW016B

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
TL22DNAW016B NKK-TL22DNAW016B Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results

유사한 설명 - TL22DNAW016B

제조업체부품명데이터시트상세설명
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com