전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-543x 데이터시트(PDF) 4 Page - Broadcom Corporation.

부품명 HCPL-543x
상세설명  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-543x 데이터시트(HTML) 4 Page - Broadcom Corporation.

  HCPL-543x Datasheet HTML 1Page - Broadcom Corporation. HCPL-543x Datasheet HTML 2Page - Broadcom Corporation. HCPL-543x Datasheet HTML 3Page - Broadcom Corporation. HCPL-543x Datasheet HTML 4Page - Broadcom Corporation. HCPL-543x Datasheet HTML 5Page - Broadcom Corporation. HCPL-543x Datasheet HTML 6Page - Broadcom Corporation. HCPL-543x Datasheet HTML 7Page - Broadcom Corporation. HCPL-543x Datasheet HTML 8Page - Broadcom Corporation. HCPL-543x Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Broadcom
- 4 -
HCPL-540x, 5962-89570, HCPL-543x, HCPL-643x, 5962-89571
Data Sheet
Functional Diagrams
Functional Diagrams
NOTE
All DIP devices have common VCC and ground. LCCC (leadless ceramic chip carrier) package has isolated channels
with separate VCC and ground connections. All diagrams are top view.
Leaded Device Marking
Leadless Device Marking
8-Pin DIP
8-Pin DIP
20-Pad LCCC
Through Hole
Through Hole
Surface Mount
1 Channel
2 Channels
2 Channels
7
5
6
8
1
2
3
4
VCC
GND
VE
VO
VCC
7
5
6
8
VO1
GND
1
2
3
4
VO2
GND1
VO2
VO1
19
20
2
3
8
7
VCC2
VCC1 10
GND2
15
13
12
COMPLIANCE INDICATOR,[1]
DATE CODE, SUFFIX (IF NEEDED)
Avago QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
COUNTRY OF MFR.
Avago FSCN[1]
Avago LOGO
DLA SMD[1]
PIN ONE/
ESD IDENT
Avago P/N
DLA SMD[1]
[1] QML PARTS ONLY
X 50434
COMPLIANCE INDICATOR,[1]
DATE CODE, SUFFIX (IF NEEDED)
Avago QYYWWZ
XXXXXX
X XXXX
XXXXXX
XXX 50434
DLA SMD[1]
Avago FSCN[1]
Avago LOGO
COUNTRY OF MFR.
Avago P/N
PIN ONE/
ESD IDENT
DLA SMD[1]
[1] QML PARTS ONLY


유사한 부품 번호 - HCPL-543x

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-543X HP-HCPL-543X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

유사한 설명 - HCPL-543x

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com