전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFUSCD30120B 데이터시트(PDF) 3 Page - Littelfuse

부품명 LFUSCD30120B
상세설명  Enhanced surge capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFUSCD30120B 데이터시트(HTML) 3 Page - Littelfuse

  LFUSCD30120B Datasheet HTML 1Page - Littelfuse LFUSCD30120B Datasheet HTML 2Page - Littelfuse LFUSCD30120B Datasheet HTML 3Page - Littelfuse LFUSCD30120B Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/05/16
SiC Schottky Diode
LFUSCD30120B, 1200 V, 30 A,TO-247 3-lead
Figure 5: Capacitance vs. Reverse Voltage
0
100
200
300
400
500
600
700
800
900
1000
0.11
10
1001000
Reverse Voltage, VR (V)
Figure 6: Transient Thermal Impedance
0.01
0.1
1
1.E-05 1.E-04 1.E-03 1.E-02 1.E-01 1.E+00
Time , t (s)
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
Single Pulse
0
50
100
150
200
25
50
75
100125
150175
TC ( C)
Figure 4: Diode Foward Current
Figure 3: Power Disipation
0
20
40
60
80
100
120
140
160
25
50
75
100125
150175
TC ( C)
D = 0.1
D = 0.3
D = 0.5
D = 0.7
D = 1.0


유사한 부품 번호 - LFUSCD30120B

제조업체부품명데이터시트상세설명
logo
Littelfuse
LFUSCD04065A LITTELFUSE-LFUSCD04065A Datasheet
548Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
More results

유사한 설명 - LFUSCD30120B

제조업체부품명데이터시트상세설명
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD04065A LITTELFUSE-LFUSCD04065A Datasheet
548Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
LFUSCD20065B LITTELFUSE-LFUSCD20065B Datasheet
519Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD16065B LITTELFUSE-LFUSCD16065B Datasheet
509Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com