전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5150 데이터시트(PDF) 9 Page - Broadcom Corporation.

부품명 HCPL-5150
상세설명  0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5150 데이터시트(HTML) 9 Page - Broadcom Corporation.

Back Button HCPL-5150 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 9Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 10Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 11Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 12Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Broadcom
- 9 -
HCPL-5150 and HCPL-5151,
DLA SMD 5962-04205
Data Sheet
Figure 7 ICC vs. Temperature
Figure 8 ICC vs. VCC
1.5
2.0
2.5
3.0
3.5
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
VCC = 30V
VEE = 0V
IF = 10mA for ICCH
IF = 0mA for ICCL
ICCL
ICCH
1.5
2.0
2.5
3.0
3.5
10
20
30
40
VCC - SUPPLY VOLTAGE - V
IF = 10mA for ICCH
IF = 0mA for ICCL
TA = 25
oC
VEE = 0V
ICCH
ICCL
Figure 9 IFLH vs. Temperature
Figure 10 Propagation Delay vs. VCC
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
VCC = 15 to 30V
VEE = 0V
Output = Open
100
200
300
400
500
15
30
VCC - SUPPLY VOLTAGE - V
TPLH
TPHL
IF = 10mA, TA = 25°C
Rg = 47 , Cg = 3nF,
Duty Cycle = 50%
f = 10kHz
20
25
Figure 11 Propagation Delay vs. IF
Figure 12 Propagation Delay vs. Temperature
100
150
200
250
300
350
400
450
500
5
10152025
IF- FORWARD LED CURRENT - mA
TPHL
TPLH
VCC = 30V, VEE = 0V
TA = 25°C
Rg = 47 , Cg = 3nF
Duty Cycle = 50%
f =10kHz
100
150
200
250
300
350
400
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
IF(ON) = 10mA
IF(OFF) = 0mA
VCC = 30V, VEE = 0V
Rg = 47 , Cg = 3nF
Duty Cycle = 50%
f =10kHz
TPLH
TPHL


유사한 부품 번호 - HCPL-5150

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-100 HP-HCPL-5150-100 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-200 HP-HCPL-5150-200 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-300 HP-HCPL-5150-300 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

유사한 설명 - HCPL-5150

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com