전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW81SMAM 데이터시트(PDF) 5 Page - Taoglas antenna solutions

부품명 FW81SMAM
상세설명  Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW81SMAM 데이터시트(HTML) 5 Page - Taoglas antenna solutions

  FW81SMAM Datasheet HTML 1Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 2Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 3Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 4Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 5Page - Taoglas antenna solutions FW81SMAM Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPE-12-8-034/C/PK
Page 5 of 6
4.Drawing
Housing
ABS
Steel+PE Jacket
ABS
Black
Black
Black
Flexible Whip
Cap
Name
Material
Finish QTY
1
1
1
Brass
Black
Outer Body SMA(M)
1
P/N
000111K0600XXA
001111K0000XXA
000711C0000XXA
000611B0000XXA


유사한 부품 번호 - FW81SMAM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW81SMAM ETC2-FW81SMAM Datasheet
167Kb / 6P
   Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna SMA Male connector
More results

유사한 설명 - FW81SMAM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW81SMAM ETC2-FW81SMAM Datasheet
167Kb / 6P
   Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna SMA Male connector
logo
Taoglas antenna solutio...
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
   Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
logo
List of Unclassifed Man...
FW80SMAM ETC2-FW80SMAM Datasheet
176Kb / 6P
   Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna SMA Male connector
logo
Taoglas antenna solutio...
WM80B305111 TAOGLAS-WM80B305111 Datasheet
532Kb / 6P
   169MHz 0dBi Wall Mount Flexible Whip Monopole Omni-Directional Antenna
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
   Flexible Whip Monopole Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
FW24NTYM TAOGLAS-FW24NTYM Datasheet
866Kb / 15P
   Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com