전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT50J325 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 GT50J325
상세설명  TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT50J325 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  GT50J325 Datasheet HTML 1Page - Toshiba Semiconductor GT50J325 Datasheet HTML 2Page - Toshiba Semiconductor GT50J325 Datasheet HTML 3Page - Toshiba Semiconductor GT50J325 Datasheet HTML 4Page - Toshiba Semiconductor GT50J325 Datasheet HTML 5Page - Toshiba Semiconductor GT50J325 Datasheet HTML 6Page - Toshiba Semiconductor GT50J325 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GT50J325
1
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT50J325
High Power Switching Applications
Fast Switching Applications
· The 4th generation
· Enhancement-mode
· Fast switching (FS): Operating frequency up to 50 kHz (reference)
· High speed: tf = 0.05 µs (typ.)
· Low switching loss: Eon = 1.30 mJ (typ.)
: Eoff = 1.34 mJ (typ.)
· Low saturation Voltage: VCE (sat) = 2.0 V (typ.)
· FRD included between emitter and collector
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
±20
V
DC
IC
50
Collector current
1 ms
ICP
100
A
DC
IF
50
Emitter-collector forward
current
1 ms
IFM
100
A
Collector power dissipation
(Tc
= 25°C)
PC
240
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance (IGBT)
Rth (j-c)
0.521
°C/W
Thermal resistance (diode)
Rth (j-c)
2.30
°C/W
Equivalent Circuit
Unit: mm
JEDEC
JEITA
TOSHIBA
2-21F2C
Weight: 9.75 g
Gate
Emitter
Collector


유사한 부품 번호 - GT50J325

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT50J325 TOSHIBA-GT50J325 Datasheet
198Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT50J325 TOSHIBA-GT50J325 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT50J325 TOSHIBA-GT50J325_06 Datasheet
198Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
More results

유사한 설명 - GT50J325

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT8G132 TOSHIBA-GT8G132 Datasheet
338Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M323 TOSHIBA-GT60M323 Datasheet
193Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT20J101 TOSHIBA-GT20J101 Datasheet
259Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT15M321 TOSHIBA-GT15M321 Datasheet
269Kb / 6P
   TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT60M322 TOSHIBA-GT60M322 Datasheet
191Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT15Q311 TOSHIBA-GT15Q311 Datasheet
172Kb / 7P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40G121 TOSHIBA-GT40G121 Datasheet
151Kb / 5P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT80J101B TOSHIBA-GT80J101B Datasheet
69Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT50G321 TOSHIBA-GT50G321 Datasheet
287Kb / 6P
   TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT50J121 TOSHIBA-GT50J121 Datasheet
317Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com