전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM324-N-MIL 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM324-N-MIL
상세설명  Low-Power, Quad-Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM324-N-MIL 데이터시트(HTML) 5 Page - Texas Instruments

  LM324-N-MIL Datasheet HTML 1Page - Texas Instruments LM324-N-MIL Datasheet HTML 2Page - Texas Instruments LM324-N-MIL Datasheet HTML 3Page - Texas Instruments LM324-N-MIL Datasheet HTML 4Page - Texas Instruments LM324-N-MIL Datasheet HTML 5Page - Texas Instruments LM324-N-MIL Datasheet HTML 6Page - Texas Instruments LM324-N-MIL Datasheet HTML 7Page - Texas Instruments LM324-N-MIL Datasheet HTML 8Page - Texas Instruments LM324-N-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LM324-N-MIL
www.ti.com
SNOSD66 – JUNE 2017
Product Folder Links: LM324-N-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The LM324-N-MIL temperature specifications are limited to 0°C
≤ TA ≤ +70°C.
(2)
VO ≃ 1.4V, RS = 0 Ω with V
+ from 5 V to 30 V.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The
upper end of the common-mode voltage range is V+
− 1.5 V (at 25°C), but either or both inputs can go to 32 V without damage,
independent of the magnitude of V+.
(5)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of 15 V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
6.5 Electrical Characteristics
V
+ = +5.0V, (1), unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
TA = 25°C
(2)
2
7
mV
Input Bias Current(3)
IIN(+) or IIN(−), VCM = 0 V, TA = 25°C
45
250
nA
Input Offset Current
IIN(+) or IIN(−), VCM = 0 V, TA = 25°C
5
50
nA
Input Common-Mode Voltage Range(4)
V+ = 30 V,
TA = 25°C
0
V+
−1.5
V
Supply Current
Over Full Temperature Range
RL = ∞ On All Op Amps,
V+ = 30 V
1.5
3
mA
V+ = 5 V
0.7
1.2
Large Signal Voltage Gain
V+ = 15V, RL≥ 2 kΩ,
(VO = 1 V to 11 V), TA = 25°C
25
100
V/mV
Common-Mode Rejection Ratio
DC, VCM = 0 V to V
+ − 1.5 V, T
A = 25°C
65
85
dB
Power Supply Rejection Ratio
V+ = 5 V to 30 V, TA = 25°C
65
100
dB
Amplifier-to-Amplifier
Coupling(5)
f = 1 kHz to 20 kHz, TA = 25°C
(Input Referred)
−120
dB
Output Current
Source
VIN
+ = 1 V, V
IN
= 0 V,
V+ = 15 V, VO = 2 V, TA = 25°C
20
40
mA
Sink
VIN
= 1 V, V
IN
+ = 0 V,
V+ = 15 V, VO = 2 V, TA = 25°C
10
20
mA
VIN
= 1 V, V
IN
+ = 0 V,
V+ = 15 V, VO = 200 mV, TA = 25°C
12
50
µA
Short Circuit to Ground
V+ = 15 V, TA = 25°C
(6)
40
60
mA
Input Offset Voltage
See (2)
9
mV
VOS Drift
RS = 0 Ω
7
µV/°C
Input Offset Current
IIN(+) − IIN(−), VCM = 0 V
150
nA
IOS Drift
RS = 0 Ω
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
500
nA
Input Common-Mode Voltage Range(4)
V+ = 30 V
0
V+
−2
V
Large Signal Voltage Gain
V+ = 15 V (VOSwing = 1V to 11V),
RL ≥ 2 kΩ
15
V/mV
Output Voltage
Swing
VOH
V+ = 30 V
RL = 2 kΩ
26
V
RL = 10 kΩ
27
28
VOL
V+ = 5 V, RL = 10 kΩ
5
20
mV
Output Current
Source
VO = 2 V
VIN
+ = 1 V,
VIN
= 0 V,
V+ = 15 V
10
20
mA
Sink
VIN
= 1 V,
VIN
+ = 0 V,
V+ = 15 V
5
8
mA


유사한 부품 번호 - LM324-N-MIL

제조업체부품명데이터시트상세설명
Texas Instruments
Texas Instruments
LM324-N TI1-LM324-N Datasheet
2Mb / 34P
[Old version datasheet]   Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
More results

유사한 설명 - LM324-N-MIL

제조업체부품명데이터시트상세설명
KODENSHI_AUK CORP.
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
Daewoo Semiconductor
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
STMicroelectronics
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
Maxwell Technologies
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
List of Unclassifed Manufacturers
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
STMicroelectronics
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
NEC
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
STMicroelectronics
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
   Low Power Quad Operational Amplifier
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
   Low power quad operational amplifier
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com