전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM340K-5.0 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM340K-5.0
상세설명  Wide VIN 1.5-A Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM340K-5.0 데이터시트(HTML) 5 Page - Texas Instruments

  LM340K-5.0 Datasheet HTML 1Page - Texas Instruments LM340K-5.0 Datasheet HTML 2Page - Texas Instruments LM340K-5.0 Datasheet HTML 3Page - Texas Instruments LM340K-5.0 Datasheet HTML 4Page - Texas Instruments LM340K-5.0 Datasheet HTML 5Page - Texas Instruments LM340K-5.0 Datasheet HTML 6Page - Texas Instruments LM340K-5.0 Datasheet HTML 7Page - Texas Instruments LM340K-5.0 Datasheet HTML 8Page - Texas Instruments LM340K-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LM340-MIL
www.ti.com
SNOSD64 – JUNE 2017
Product Folder Links: LM340-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All characteristics are measured with a 0.22-μF capacitor from input to ground and a 0.1-μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
6.5 Electrical Characteristics: VO = 5 V, VI = 10 V
0°C
≤ TJ ≤ 125°C unless otherwise specified
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
TJ = 25°C, 5 mA ≤ IO ≤ 1 A
4.8
5
5.2
V
PD ≤ 15 W, 5 mA ≤ IO ≤ 1 A
7.5 V
≤ VIN ≤ 20 V
4.75
5.25
V
ΔVO
Line regulation
IO = 500 mA
TJ = 25°C
7V
≤ VIN ≤ 25V
3
50
mV
Over temperature
8V
≤ VIN ≤ 20V
50
mV
IO ≤ 1 A
TJ = 25°C
7.5V
≤ VIN ≤ 20V
50
mV
Over temperature
8V
≤ VIN ≤ 12V
25
mV
ΔVO
Load regulation
TJ = 25°C
5 mA
≤ IO ≤ 1.5 A
10
50
mV
250 mA
≤ IO ≤ 750 mA
25
mV
Over temperature, 5 mA
≤ IO ≤ 1 A
50
mV
IQ
Quiescent current
IO ≤ 1 A
TJ = 25°C
8
mA
Over temperature
8.5
mA
ΔIQ
Quiescent current change
0°C
≤ TJ ≤ 125°C, 5 mA ≤ IO ≤ 1 A
0.5
mA
7 V
≤ VIN ≤ 20 V
TJ = 25°C, IO ≤ 1 A
1
mA
Over temperature, IO ≤ 500
mA
1
mA
VN
Output noise voltage
TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
40
μV
Ripple rejection
f = 120 Hz
8 V
≤ VIN ≤ 18 V
TJ = 25°C, IO ≤ 1 A
62
80
dB
Over temperature, IO ≤ 500
mA
62
dB
RO
Dropout voltage
TJ = 25°C, IO = 1 A
2
V
Output resistance
f = 1 kHz
8
Short-circuit current
TJ = 25°C
2.1
A
Peak output current
TJ = 25°C
2.4
A
Average TC of VOUT
Over temperature, IO = 5 mA
−0.6
mV/°C
VIN
Input voltage required to
maintain line regulation
TJ = 25°C, IO ≤ 1 A
7.5
V


유사한 부품 번호 - LM340K-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM340K-5.0 NSC-LM340K-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340K-5.0 TI1-LM340K-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

유사한 설명 - LM340K-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com