전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM236-2.5 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM236-2.5
상세설명  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM236-2.5 데이터시트(HTML) 5 Page - Texas Instruments

  LM236-2.5 Datasheet HTML 1Page - Texas Instruments LM236-2.5 Datasheet HTML 2Page - Texas Instruments LM236-2.5 Datasheet HTML 3Page - Texas Instruments LM236-2.5 Datasheet HTML 4Page - Texas Instruments LM236-2.5 Datasheet HTML 5Page - Texas Instruments LM236-2.5 Datasheet HTML 6Page - Texas Instruments LM236-2.5 Datasheet HTML 7Page - Texas Instruments LM236-2.5 Datasheet HTML 8Page - Texas Instruments LM236-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
2.49 k
2.5 V
LM236-2.5
LM336-2.5
LM336B-2.5
5 V
NC
Figure 4. 2.5-V Reference
2.49 k
LM236-2.5
LM336-2.5
LM336B-2.5
IN457 †
IN457 †
10 k
Ω‡
5 V
† Any silicon signal diode
‡ Adjust to 2.49 V
2.5 V
Figure 5. 2.5-V Reference
With Minimum Temperature Coefficient
LM336-2.5
LM336-2.5
LM336B-2.5
LM334
V+
V−
3.5 V to 40 V
68.1
VO = 2.5 V
R
NC
Figure 6. Wide-Input-Range Reference


유사한 부품 번호 - LM236-2.5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
More results

유사한 설명 - LM236-2.5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com