전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1458M 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM1458M
상세설명  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM1458M 데이터시트(HTML) 2 Page - Texas Instruments

  LM1458M Datasheet HTML 1Page - Texas Instruments LM1458M Datasheet HTML 2Page - Texas Instruments LM1458M Datasheet HTML 3Page - Texas Instruments LM1458M Datasheet HTML 4Page - Texas Instruments LM1458M Datasheet HTML 5Page - Texas Instruments LM1458M Datasheet HTML 6Page - Texas Instruments LM1458M Datasheet HTML 7Page - Texas Instruments LM1458M Datasheet HTML 8Page - Texas Instruments LM1458M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM1458, LM1558
SNOSBU4D – APRIL 1998 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage
LM1558
±22V
LM1458
±18V
Power Dissipation (4)
LM1558H/LM1458H
500 mW
LM1458N
400 mW
Differential Input Voltage
±30V
Input Voltage (5)
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
LM1558
−55°C to +125°C
LM1458
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
ESD tolerance (6)
300V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits.
(2)
Refer to RETS 1558V for LM1558J and LM1558H military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The maximum junction temperature of the LM1558 is 150°C, while that of the LM1458 is 100°C. For operating at elevated temperatures,
devices in the LMC package must be derated based on a thermal resistance of 150°C/W, junction to ambient or 20°C/W, junction to
case. For the PDIP the device must be derated based on a thermal resistance of 187°C/W, junction to ambient.
(5)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1)
Parameter
Conditions
LM1558
LM1458
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C, RS ≤ 10 kΩ
1.0
5.0
1.0
6.0
mV
Input Offset Current
TA = 25°C
80
200
80
200
nA
Input Bias Current
TA = 25°C
200
500
200
500
nA
Input Resistance
TA = 25°C
0.3
1.0
0.3
1.0
M
Ω
Supply Current Both
TA = 25°C, VS = ±15V
3.0
5.0
3.0
5.6
mA
Amplifiers
Large Signal Voltage Gain
TA = 25°C, VS = ±15V
50
160
20
160
V/mV
VOUT = ±10V, RL ≥ 2 kΩ
Input Offset Voltage
RS ≤ 10 kΩ
6.0
7.5
mV
Input Offset Current
500
300
nA
Input Bias Current
1.5
0.8
μA
Large Signal Voltage Gain
VS = ±15V, VOUT = ±10V
25
15
V/mV
RL ≥ kΩ
Output Voltage Swing
VS = ±15V, RL = 10 kΩ
±12
±14
±12
±14
V
RL = 2 kΩ
±10
±13
±10
±13
V
(1)
These specifications apply for VS = ±15V and −55°C ≤ TA ≤ 125°C, unless otherwise specified. With the LM1458, however, all
specifications are limited to 0°C
≤ TA ≤ 70°C and VS = ±15V.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM1458 LM1558


유사한 부품 번호 - LM1458M

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1458M NSC-LM1458M Datasheet
124Kb / 6P
   Dual Operational Amplifier
logo
Fairchild Semiconductor
LM1458M FAIRCHILD-LM1458M Datasheet
63Kb / 10P
   Dual Operational Amplifier
logo
Texas Instruments
LM1458M TI1-LM1458M Datasheet
845Kb / 12P
[Old version datasheet]   Dual Operational Amplifier
LM1458M TI1-LM1458M Datasheet
846Kb / 12P
[Old version datasheet]   Dual Operational Amplifier
LM1458M/NOPB TI1-LM1458M/NOPB Datasheet
845Kb / 12P
[Old version datasheet]   Dual Operational Amplifier
More results

유사한 설명 - LM1458M

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com