전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0730R2V 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 HCPL-0730R2V
상세설명  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0730R2V 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL-0730R2V Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 9Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 10Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 11Page - Fairchild Semiconductor HCPL-0730R2V Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
12/11/03
Page 11 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
Carrier Tape Specifications
Reflow Profile
4.0
± 0.10
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
5.5
± 0.05
12.0
± 0.3
8.0
± 0.10
0.30 MAX
8.3
± 0.10
3.50
± 0.20
0.1 MAX
6.40
± 0.20
5.20
± 0.20
Ø1.5
± 0.1/-0
Ramp up = 2–10
°C/sec
• Peak reflow temperature: 245
°C (package surface temperature)
• Time of temperature higher than 183
°C for 120–180 seconds
• One time soldering reflow is recommended
230
°C, 10–30 s
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183
°C, 120–180 sec
245
°C peak


유사한 부품 번호 - HCPL-0730R2V

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0730 HP-HCPL-0730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0730 AVAGO-HCPL-0730 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

유사한 설명 - HCPL-0730R2V

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com