전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-EH08-TW000 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HLMP-EH08-TW000
상세설명  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EH08-TW000 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EH08-TW000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EH08-TW000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
10
Part Number Cross Reference
Hewlett-Packard Precision Optical Performance
T-13/4 AlInGaP II lamps part numbers are changing.
The advantages of the new part numbering system
include:
- specification of maximum intensities
- for comparison/substitution purposes, easier
recognition of parts which are the same color
and viewing angle, but differ only in intensity
and/or color bin selection
In each case, except for HLMP-DL24 and DL26, the
new part number is an exact replacement for the old
part number.
Old Part Number
New Part Number
HLMP-DG08
HLMP-EG08-UX000
HLMP-DG10
HLMP-EG10-UX000
HLMP-DG15
HLMP-EG15-RU000
HLMP-DG17
HLMP-EG17-RU000
HLMP-DG24
HLMP-EG24-PS000
HLMP-DG26
HLMP-EG26-PS000
HLMP-DG30
HLMP-EG30-MQ000
HLMP-DG32
HLMP-EG32-MQ000
HLMP-DH08
HLMP-EH08-UX000
HLMP-DH10
HLMP-EH10-UX000
HLMP-DH15
HLMP-EH15-RU000
HLMP-DH17
HLMP-EH17-RU000
HLMP-DH24
HLMP-EH24-PS000
HLMP-DH26
HLMP-EH26-PS000
HLMP-DH30
HLMP-EH30-MQ000
HLMP-DH32
HLMP-EH32-MQ000
HLMP-DJ08
HLMP-EJ08-WZ000
HLMP-DJ10
HLMP-EJ10-WZ000
HLMP-DJ15
HLMP-EJ15-RU000
HLMP-DJ17
HLMP-EJ17-RU000
HLMP-DJ24
HLMP-EJ24-QT000
HLMP-DJ26
HLMP-EJ26-QT000
HLMP-DJ30
HLMP-EJ30-PS000
HLMP-DJ32
HLMP-EJ32-PS000
HLMP-DL08
HLMP-EL08-VY000
HLMP-DL10
HLMP-EL10-VY000
HLMP-DL15
HLMP-EL15-SV000
HLMP-DL17
HLMP-EL17-SV000
HLMP-DL24
HLMP-EL25-QT000 or
HLMP-EL24-PS000*
HLMP-DL26
HLMP-EL27-QT000 or
HLMP-EL26-PS000*
HLMP-DL30
HLMP-EL30-PS000
HLMP-DL32
HLMP-EL32-PS000
*The new parts are not exact replacements for HLMP-DL2x.
HLMP-EL2x-QT000 are AlInGaP II lamps of equivalent intensity.
HLMP-EL2x-PS000 are AlInGaP lamps of slightly lower intensity.


유사한 부품 번호 - HLMP-EH08-TW000

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-EH08-T1000 BOARDCOM-HLMP-EH08-T1000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH08-T1400 BOARDCOM-HLMP-EH08-T1400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH08-T2000 BOARDCOM-HLMP-EH08-T2000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH08-T2400 BOARDCOM-HLMP-EH08-T2400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EH08-T4000 BOARDCOM-HLMP-EH08-T4000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

유사한 설명 - HLMP-EH08-TW000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com