전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAB058 데이터시트(PDF) 1 Page - Taoglas antenna solutions

부품명 CAB058
상세설명  TAOGLAS Semi-Rigid Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB058 데이터시트(HTML) 1 Page - Taoglas antenna solutions

  CAB058 Datasheet HTML 1Page - Taoglas antenna solutions CAB058 Datasheet HTML 2Page - Taoglas antenna solutions CAB058 Datasheet HTML 3Page - Taoglas antenna solutions CAB058 Datasheet HTML 4Page - Taoglas antenna solutions CAB058 Datasheet HTML 5Page - Taoglas antenna solutions CAB058 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPE-15-8-019/A/JC Page 1 of 6
SPECIFICATION
Part No.
:
CAB.058
Product Name
:
Taoglas Semi-Rigid Cable Assembly
SMA(F) Jack Straight to
Strip/Tin 3/3mm
with 50mm 0.047” semi-rigid cable
Customizable
Photo
:


유사한 부품 번호 - CAB058

제조업체부품명데이터시트상세설명
logo
WOLFSPEED, INC.
CAB006A12GM3 WOLFSPEED-CAB006A12GM3 Datasheet
2Mb / 12P
   1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB006M12GM3 WOLFSPEED-CAB006M12GM3 Datasheet
2Mb / 12P
   1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
CAB006M12GM3T WOLFSPEED-CAB006M12GM3T Datasheet
2Mb / 12P
   1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
   1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB008M12GM3 WOLFSPEED-CAB008M12GM3 Datasheet
2Mb / 12P
   1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
More results

유사한 설명 - CAB058

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
CAB.V05 TAOGLAS-CAB.V05 Datasheet
401Kb / 6P
   taoglas cable assembly
CAB.V11 TAOGLAS-CAB.V11 Datasheet
336Kb / 5P
   taoglas cable assembly
CAB.D05 TAOGLAS-CAB.D05 Datasheet
327Kb / 5P
   taoglas cable assembly
CAB.R01 TAOGLAS-CAB.R01 Datasheet
304Kb / 5P
   taoglas cable assembly
CAB.W11 TAOGLAS-CAB.W11 Datasheet
382Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09_18 Datasheet
377Kb / 5P
   Taoglas Cable Assembly
CAB.V11 TAOGLAS-CAB.V11_18 Datasheet
451Kb / 5P
   Taoglas Cable Assembly
CAB.V08 TAOGLAS-CAB.V08_18 Datasheet
383Kb / 5P
   Taoglas Cable Assembly
CAB.V12 TAOGLAS-CAB.V12 Datasheet
338Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09 Datasheet
1Mb / 5P
   taoglas cable assembly
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com