전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA330 데이터시트(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 INA330
상세설명  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA330 데이터시트(HTML) 4 Page - Burr-Brown (TI)

  INA330 Datasheet HTML 1Page - Burr-Brown (TI) INA330 Datasheet HTML 2Page - Burr-Brown (TI) INA330 Datasheet HTML 3Page - Burr-Brown (TI) INA330 Datasheet HTML 4Page - Burr-Brown (TI) INA330 Datasheet HTML 5Page - Burr-Brown (TI) INA330 Datasheet HTML 6Page - Burr-Brown (TI) INA330 Datasheet HTML 7Page - Burr-Brown (TI) INA330 Datasheet HTML 8Page - Burr-Brown (TI) INA330 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INA330
4
SBOS260
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V (Cont.)
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, V1 = V2 = +1V, VADJUST = +2.5V, RSET = 10kΩ, RTHERM = 10kΩ, RG = 200kΩ, CFILTER = 500pF, external 1kHz filtering, unless otherwise noted.
INA330
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
FREQUENCY RESPONSE
Bandwidth, –3dB(3)
BW
1
kHz
Slew Rate
SR
Not Slew Rate Limited
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
V
Quiescent Current
IQ
IO = 0, V1 – V2 = 0V, VS = +5V
2.6
3.6
mA
Over Temperature
3.9
mA
SHUTDOWN
Disable (Logic LOW Threshold)
0.25
V
Enable (Logic HIGH Threshold)
1.6
V
Enable Time
75
µs
Disable Time
100
µs
Shutdown Current and Enable Pin Current
VS = +5V, Disabled
2
5
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–40
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
MSOP-10 Surface-Mount
150
°C/W
NOTES: (3) Dynamic response is limited by filtering.


유사한 부품 번호 - INA330

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INA330 TI1-INA330 Datasheet
879Kb / 19P
[Old version datasheet]   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
INA330AIDGSR TI1-INA330AIDGSR Datasheet
879Kb / 19P
[Old version datasheet]   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
INA330AIDGST TI1-INA330AIDGST Datasheet
879Kb / 19P
[Old version datasheet]   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
INA330AIDGSTG4 TI1-INA330AIDGSTG4 Datasheet
879Kb / 19P
[Old version datasheet]   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
More results

유사한 설명 - INA330

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INA330 TI1-INA330 Datasheet
879Kb / 19P
[Old version datasheet]   THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
logo
Texas Instruments
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com