전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS29N60L 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFPS29N60L
상세설명  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS29N60L 데이터시트(HTML) 2 Page - International Rectifier

  IRFPS29N60L Datasheet HTML 1Page - International Rectifier IRFPS29N60L Datasheet HTML 2Page - International Rectifier IRFPS29N60L Datasheet HTML 3Page - International Rectifier IRFPS29N60L Datasheet HTML 4Page - International Rectifier IRFPS29N60L Datasheet HTML 5Page - International Rectifier IRFPS29N60L Datasheet HTML 6Page - International Rectifier IRFPS29N60L Datasheet HTML 7Page - International Rectifier IRFPS29N60L Datasheet HTML 8Page - International Rectifier IRFPS29N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFPS29N60L
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
‚ Starting T
J = 25°C, L = 1.5mH, RG = 25Ω,
IAS = 29A. (See Figure 12a)
ƒ I
SD ≤ 29A, di/dt ≤ 830A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
† Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.53
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
175
210
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.86
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
15
–––
–––
S
Qg
Total Gate Charge
–––
–––
220
Qgs
Gate-to-Source Charge
–––
–––
67
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
96
td(on)
Turn-On Delay Time
–––
34
–––
tr
Rise Time
–––
100
–––
ns
td(off)
Turn-Off Delay Time
–––
66
–––
tf
Fall Time
–––
54
–––
Ciss
Input Capacitance
–––
6160
–––
Coss
Output Capacitance
–––
530
–––
Crss
Reverse Transfer Capacitance
–––
44
–––
pF
Coss eff.
Effective Output Capacitance
–––
250
–––
Coss eff. (ER)
Effective Output Capacitance
–––
190
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
h
–––
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
°C/W
RθJA
Junction-to-Ambient
h
–––
VDS = VGS, ID = 250µA
VDS = 600V, VGS = 0V
VDS = 480V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 17A
f
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 17A
VGS = -30V
ID = 29A
VDS = 480V
VGS = 10V, See Fig. 7 & 15
f
VDD = 300V
ID = 29A
RG = 4.3Ω
VGS = 10V, See Fig. 11a & 11b
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
29
48
Max.
570
VGS = 0V,VDS = 0V to 480V
g
40
Max.
0.26
–––


유사한 부품 번호 - IRFPS29N60L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFPS29N60L VISHAY-IRFPS29N60L Datasheet
178Kb / 9P
   Power MOSFET
S-81359-Rev. A, 07-Jul-08
logo
International Rectifier
IRFPS29N60LPBF IRF-IRFPS29N60LPBF Datasheet
168Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFPS29N60LPBF VISHAY-IRFPS29N60LPBF Datasheet
178Kb / 9P
   Power MOSFET
S-81359-Rev. A, 07-Jul-08
More results

유사한 설명 - IRFPS29N60L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com