전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC0V104ZFTBR44-SS 데이터시트(PDF) 5 Page - Kemet Corporation

부품명 FC0V104ZFTBR44-SS
상세설명  Supercapacitors FC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V104ZFTBR44-SS 데이터시트(HTML) 5 Page - Kemet Corporation

  FC0V104ZFTBR44-SS Datasheet HTML 1Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 2Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 3Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 4Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 5Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 6Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 7Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 8Page - Kemet Corporation FC0V104ZFTBR44-SS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6011_FC • 3/29/2017
Supercapacitors – FC Series
FC Type
FCS Type
250
200
150
100
50
0
Time (seconds)
Tp Time exceeding 200°C
120seconds
160°C
Reflow Profile
Peak temperature
Peak Temperature:
235°C, within 10 seconds
250
240
230
220
210
200
Tp (seconds)
Tp Time Exceeding 200°C
0
10
20
30
40
50
60
Reflow Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
200°C
150°C
260°C
Temperature on the
Capacitor Top
217°C
150
seconds
70
seconds
Above "Reflow Profile" graph indicates temperature at the terminals
and capacitor top.
Precautions for Use
• Thisseriesisexclusivelyforreflowsoldering.Itisdesignedforthermalconductionsystemsuchascombinationuseof
infrared ray and heat blow. Consult with KEMET before applying other methods.
• Thereflowconditionmustbekeptwithinreflowprofilegraphsshownbelow.
• Applyingreflowsolderingislimitedto2times.Afterthefirstreflow,cooldownthecapacitorthoroughlyto5–35°C
beforethesecondreflow.
AlwaysconsultwithKEMETwhenapplyingreflowsolderinginamoresevereconditionthantheconditiondescribedhere.
Above "Reflow Profile" graph indicates temperature at the terminals and
capacitor top.
Peak Temperature
Below+260°C
Over+255°C
Within 10 seconds
Over+230°C
Within 45 seconds
Over+220°C
Within 60 seconds
Over+217°C
Within 70 seconds
Timebetween+150°Cto
+200°C(temperaturezone
over+170°Cwithin50
seconds)
150 seconds


유사한 부품 번호 - FC0V104ZFTBR44-SS

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
FC0V104ZFTBR44-SS KEMET-FC0V104ZFTBR44-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
More results

유사한 설명 - FC0V104ZFTBR44-SS

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS Datasheet
885Kb / 17P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com