전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCC12-10-01 데이터시트(PDF) 1 Page - II-VI Marlow, Inc.

부품명 LCC12-10-01
상세설명  Single-Stage Thermoelectric Cooler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VIMARLOW [II-VI Marlow, Inc.]
홈페이지  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

LCC12-10-01 데이터시트(HTML) 1 Page - II-VI Marlow, Inc.

  LCC12-10-01 Datasheet HTML 1Page - II-VI Marlow, Inc. LCC12-10-01 Datasheet HTML 2Page - II-VI Marlow, Inc. LCC12-10-01 Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0425 REV C1 - PAGE 1 OF 3
LCC12-10
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature of 130°C.
Designed for temperature cycling applications.
Superior nickel diffusion barriers on elements.
High strength for rugged environment.
Porch configuration for high strength leadwire connection.
RTV sealing available.
Lapped option available for multiple module applications.
ACR Matched Set using Alphanumeric code available (see
page 2).
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
62
70
Qmax (watts):
85.0
94.0
Imax (amps):
8.9
8.9
Vmax (vdc):
14.7
16.2
AC Resistance (ohms):
1.32
---
Model Number
Description
LCC12-10-01
Base Model
LCC12-10-01L
Lapped Model
LCC12-10-01S
Sealed Model
LCC12-10-01LS
Lapped and Sealed Model
LCC12-10-16LS
Lapped and Sealed,
ACR Matched Set of 6
LCC12-10-26LS
Lapped and Sealed, Long Wires
ACR Matched Set of 6


유사한 부품 번호 - LCC12-10-01

제조업체부품명데이터시트상세설명
logo
II-VI Marlow, Inc.
LCC12-10-01 VIMARLOW-LCC12-10-01 Datasheet
501Kb / 3P
   Single-Stage Thermoelectric Module
LCC12-10-01L VIMARLOW-LCC12-10-01L Datasheet
501Kb / 3P
   Single-Stage Thermoelectric Module
LCC12-10-01LS VIMARLOW-LCC12-10-01LS Datasheet
501Kb / 3P
   Single-Stage Thermoelectric Module
LCC12-10-01S VIMARLOW-LCC12-10-01S Datasheet
501Kb / 3P
   Single-Stage Thermoelectric Module
More results

유사한 설명 - LCC12-10-01

제조업체부품명데이터시트상세설명
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com