전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAPA111VGGA-T40E 데이터시트(PDF) 1 Page - Axiomtek Co., Ltd.

부품명 CAPA111VGGA-T40E
상세설명  3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs and Audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXIOMTEK [Axiomtek Co., Ltd.]
홈페이지  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA111VGGA-T40E 데이터시트(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA111VGGA-T40E Datasheet HTML 1Page - Axiomtek Co., Ltd. CAPA111VGGA-T40E Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
137
* All specifications and photos are subject to change without notice.
MIO
1 x RS-232/422/485 (COM 1 with +5V/+12V powered)
3 x RS-232 (COM 2-4 with +5V/+12V powered)
SATA
2 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports 10/100/1000 Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111E
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
(optional)
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA111VGGA-T40R
(P/N: E38E111101)
3.5" Embedded SBC with AMD G-Series APU T40R 1.0 GHz,
A50M chipset, VGA/LVDS, 2 GbE LANs, 2 SATA-600, 4 COM,
6 USB and audio
CAPA111VGGA-T40E
(P/N: E38E111100)
3.5" Embedded SBC with AMD G-Series APU T40E 1.0 GHz
and A50M chipset, VGA/LVDS, 2 GbE LANs, 2 SATA-600,
4 COM, 6 USB and audio
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket, P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/ bracket, P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket, 180 mm
1
Optional
59380000300E
2 x COM w/ bracket, P=1.27 x 2.54, L=300 mm
CPU
AMD G-Series APU T40R 1.0 GHz single core and T40E
1.0 GHz dual core onboard
System Memory
1 x 204-pin DDR3-1066 SO-DIMM, up to 4GB
Chipset
AMD A50M
BIOS
AMI UEFI BIOS
SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirement
AMD G-Series APU T40E @ 1.0 GHz, 1GB DDR3
Max. RMS: +12V @ 1.06A
AMD G-Series APU T40R @ 1.0 GHz, 1GB DDR3
Max. RMS: +12V @ 0.96A
Size
146 x 104mm
Board Thickness
1.6 mm
Operating Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
AMD G-Series APU integrated graphic engine
T40E/T40R - Radeon™ HD6250
Memory Size
Max. up to 2GB in 4GB DDR3 module
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
Rear view
Top view
DDR
SO-DIMM
CF type-II
VGA
Ethernet 1
USB 2.0 3~6
USB 2.0 1/2
COM 1
Ethernet 2
SATA
Audio
COM 3/4
PCI Express
Mini Card
COM 2
LVDS
I/O
Ordering Information
Packing List
Core System
Display
Fanless
DualView
Low Power
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini
AiRD
CAPA111
3.5" Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
and Audio
Features
AMD G-Series APU T40R (1.0 GHz)/ T40E (1.0 GHz)
1 DDR3-1066 SO-DIMM, up to 4GB
2 SATA-600
6 USB 2.0 ports
4 COM ports
DirectX 11 supported


유사한 부품 번호 - CAPA111VGGA-T40E

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
CAPA111 AXIOMTEK-CAPA111 Datasheet
232Kb / 1P
   AMD A50M FCH
CAPA111 AXIOMTEK-CAPA111 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_14 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_16 Datasheet
287Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
More results

유사한 설명 - CAPA111VGGA-T40E

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
CAPA110 AXIOMTEK-CAPA110_17 Datasheet
272Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/DisplayPort/VGA
CAPA112 AXIOMTEK-CAPA112_17 Datasheet
293Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A55E, LVDS/VGA, Dual LANs
CAPA112 AXIOMTEK-CAPA112 Datasheet
391Kb / 1P
   AMD G-Series APU 3.5 Embedded SBC with AMD A55E FCH, LVDS/VGA, Dual LANs and Audio
NANO101 AXIOMTEK-NANO101_17 Datasheet
315Kb / 1P
   Nano-ITX SBC with AMD G-Series APU, AMD A50M FCH, LVDS/VGA, Dual LANs
EP100 AXIOMTEK-EP100_17 Datasheet
269Kb / 1P
   EPIC SBC with AMD G-Series APU, AMD A50M FCH, Dual DisplayPort/VGA/LVDS
PICO100 AXIOMTEK-PICO100_17 Datasheet
360Kb / 1P
   Pico-ITX SBC with AMD G-Series APU, AMD A50M, LVDS/DisplayPort (VGA)
NANO100 AXIOMTEK-NANO100_17 Datasheet
362Kb / 1P
   Nano-ITX SBC with AMD G-Series APU, AMD A50M FCH, LVDS/DisplayPort/VGA
MANO120 AXIOMTEK-MANO120_17 Datasheet
278Kb / 1P
   Mini-ITX SBC with AMD G-Series APU, AMD A55E, HDMI/VGA/LVDS
SBC84621 AXIOMTEK-SBC84621_17 Datasheet
308Kb / 1P
   3.5 Embedded SBC with AMD LX800, Dual LANs, 4 COM, 4 USB 2.0 and VGA/LVDS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com