전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM383AAAR21 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DM383AAAR21
상세설명  DaVinci Digital Media Processor
Download  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM383AAAR21 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DM383AAAR21 Datasheet HTML 3Page - Texas Instruments DM383AAAR21 Datasheet HTML 4Page - Texas Instruments DM383AAAR21 Datasheet HTML 5Page - Texas Instruments DM383AAAR21 Datasheet HTML 6Page - Texas Instruments DM383AAAR21 Datasheet HTML 7Page - Texas Instruments DM383AAAR21 Datasheet HTML 8Page - Texas Instruments DM383AAAR21 Datasheet HTML 9Page - Texas Instruments DM383AAAR21 Datasheet HTML 10Page - Texas Instruments DM383AAAR21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 267 page
background image
DM383
www.ti.com
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Added support for OPP100 to:
Section 6.2, Recommended Operating Conditions
Section 6.3, Reliability Data
Table 7-3, Device Operating Points (OPPs)
Table 7-4, Supported OPP Combinations
Power, Reset,
Changed OPP100 speed from 500 to 600 MHz for ARM Cortex-A8 in Table 7-3, Device Operating Points
Clocking, and
(OPPs).
Interrupts
Removed requirement that the maximum voltage difference between CVDD and any other CVDD_x voltage
domain must be < 150 mV.
Table 7-4, Supported OPP Combinations
Copyright © 2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: DM383


유사한 부품 번호 - DM383AAAR21

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM383AAAR01 TI1-DM383AAAR01 Datasheet
2Mb / 267P
[Old version datasheet]   DM383 DaVinc Digital Media Processor
DM383AAAR11 TI1-DM383AAAR11 Datasheet
2Mb / 267P
[Old version datasheet]   DM383 DaVinc Digital Media Processor
More results

유사한 설명 - DM383AAAR21

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM385 TI1-DM385 Datasheet
2Mb / 280P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com