전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1938T 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LB1938T
상세설명  I CH MOTOR DRIVE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1938T 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LB1938T Datasheet HTML 1Page - Sanyo Semicon Device LB1938T Datasheet HTML 2Page - Sanyo Semicon Device LB1938T Datasheet HTML 3Page - Sanyo Semicon Device LB1938T Datasheet HTML 4Page - Sanyo Semicon Device LB1938T Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1938T
No.6802-4/5
0.1
0.5
0.3
0.4
0.2
500
200
0
300
100
400
ILB01459
VO(sat) -- IO
出力電流, IO -- mA
0
VCC=3V
ILB01458
VO(sat) -- Ta
周囲温度, Ta --
°C
0
0.1
0.5
0.3
0.4
0.2
140
20
40
--40
--20
60
80
100
0
120
140
20
40
--40
--20
60
80
100
0
120
IO=300mA
IO=100mA
VCC=3V
ILB01457
ICC -- Tc
ケース温度, Tc --
°C
8
4
0
28
20
24
12
16
ブレーキ
VCC=5V
3V
正/逆
VCC=5V
3V
10
4
3
06
58
7
2
19
ILB01460
ICC -- VCC
電源電圧, VCC -- V
0
28
12
16
20
24
8
4
ブレーキ
VCC=VIN
IN1
IN2
正/逆転
10
4
3
06
58
7
2
19
ILB01461
IIN -- VIN
入力電圧, VIN -- V
0
160
120
80
40
VCC=3V
140
40
20
--40
60
100
80
0
--20
120
ILB01462
ICC待機時温度特性
ケース温度, Tc --
°C
140
40
20
--40
60
100
80
0
--20
120
ケース温度, Tc --
°C
0
2.0
1.6
1.2
0.8
0.4
VCC=11V
0.29
0.01
µA以下
ILB01463
IN端子入力電流温度特性
0
100
80
60
40
20
VIN=5V


유사한 부품 번호 - LB1938T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
More results

유사한 설명 - LB1938T

제조업체부품명데이터시트상세설명
logo
Interpion semiconductor
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
   5-CH MOTOR DRIVE IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
   4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Panasonic Semiconductor
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
   2-ch Motor drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
   5-CH MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com