전자부품 데이터시트 검색엔진 |
|
GS8320Z36AGT-375I 데이터시트(PDF) 8 Page - GSI Technology |
|
GS8320Z36AGT-375I 데이터시트(HTML) 8 Page - GSI Technology |
8 / 24 page GS8320Z18/36AGT-400/375/333/250/200/150 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 8/2013 8/23 © 2011, GSI Technology Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes ,as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline and Flow Through Read/Write Control State Diagram W R Pipeline and Flow Through Read Write Control State Diagram |
유사한 부품 번호 - GS8320Z36AGT-375I |
|
유사한 설명 - GS8320Z36AGT-375I |