전자부품 데이터시트 검색엔진 |
|
GS8342TT10BGD-400 데이터시트(PDF) 9 Page - GSI Technology |
|
GS8342TT10BGD-400 데이터시트(HTML) 9 Page - GSI Technology |
9 / 31 page Common I/O SigmaDDR-II+ B2 SRAM Truth Table Kn LD R/W DQ Operation A + 0 A + 1 ↑ 1 X Hi-Z / * Hi-Z / * Deselect ↑ 0 0 D@Kn+1 D@Kn+1 Write ↑ 0 1 Q@Kn+2 Q@Kn+2 Read Notes: 1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”. 2. D1 and D2 indicate the first and second pieces of Write Data transferred during Write operations. 3. Q1 and Q2 indicate the first and second pieces of Read Data transferred during Read operations. 4. When On-Die Termination is disabled (ODT = 0), DQ drivers are disabled (i.e., DQ pins are tri-stated) for one cycle in response to NOP and Write commands, 2.0 cycles after the command is sampled. 5. When On-Die Termination is enabled (ODT = 1), DQ drivers are disabled for one cycle in response to NOP and Write commands, 2.0 cycles after the command is sampled. The state of the DQ pins during that time (denoted by “*” in the table above) is determined by the state of the DQ input termination. See the Input Termination Impedance Control section for more information. B2 Byte Write Clock Truth Table BW BW Current Operation D D K ↑ (tn + 1) K ↑ (tn + 1½) K ↑ (tn) K ↑ (tn +1 ) K ↑ (tn + 1½) T T Write Dx stored if BWn = 0 in both data transfers D1 D2 T F Write Dx stored if BWn = 0 in 1st data transfer only D1 X F T Write Dx stored if BWn = 0 in 2nd data transfer only X D2 F F Write Abort No Dx stored in either data transfer X X Notes: 1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”. 2. If one or more BWn = 0, then BW = “T”, else BW = “F”. GS8342TT07/10/19/37BD-450/400/350/333/300 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 6/2012 9/30 © 2011, GSI Technology |
유사한 부품 번호 - GS8342TT10BGD-400 |
|
유사한 설명 - GS8342TT10BGD-400 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |