전자부품 데이터시트 검색엔진 |
|
GS8662QT10BGD-333 데이터시트(PDF) 9 Page - GSI Technology |
|
GS8662QT10BGD-333 데이터시트(HTML) 9 Page - GSI Technology |
9 / 29 page Separate I/O SigmaQuad-II B2 SigmaQuad-II SRAM Write Truth Table A W BWn/NWn BWn/NWn Input Next State D D K ↑ (tn + ½) K ↑ (tn) K ↑ (tn) K ↑ (tn + ½) K ↑, K ↑ (tn), (tn + ½) K ↑ (tn) K ↑ (tn + ½) V 0 0 0 Write Byte Dx0, Write Byte Dx1 D0 D1 V 0 0 1 Write Byte Dx0, Write Abort Byte Dx1 D0 X V 0 1 0 Write Abort Byte Dx0, Write Byte Dx1 X D1 X 0 1 1 Write Abort Byte Dx0, Write Abort Byte Dx1 X X X 1 X X Deselect X X Notes: 1. X = Don’t Care, H = High, L = Low, V = Valid. 2. W is evaluated on the rising edge of K. 3. D0 and D1 are the first and second data input transfers in a write. 4. BWn represents any of the Byte Write Enable inputs (BW0, BW1, etc.). NWn represents any of the Nybble Write Enable inputs (NW0, NW1). GS8662QT07/10/19/37BD-357/333/300/250/200 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.00a 11/2011 9/28 © 2011, GSI Technology x36 Byte Write Enable (BWn) Truth Table BW0 BW1 BW2 BW3 D0–D8 D9–D17 D18–D26 D27–D35 1 1 1 1 Don’t Care Don’t Care Don’t Care Don’t Care 0 1 1 1 Data In Don’t Care Don’t Care Don’t Care 1 0 1 1 Don’t Care Data In Don’t Care Don’t Care 0 0 1 1 Data In Data In Don’t Care Don’t Care 1 1 0 1 Don’t Care Don’t Care Data In Don’t Care 0 1 0 1 Data In Don’t Care Data In Don’t Care 1 0 0 1 Don’t Care Data In Data In Don’t Care 0 0 0 1 Data In Data In Data In Don’t Care 1 1 1 0 Don’t Care Don’t Care Don’t Care Data In 0 1 1 0 Data In Don’t Care Don’t Care Data In 1 0 1 0 Don’t Care Data In Don’t Care Data In 0 0 1 0 Data In Data In Don’t Care Data In 1 1 0 0 Don’t Care Don’t Care Data In Data In 0 1 0 0 Data In Don’t Care Data In Data In 1 0 0 0 Don’t Care Data In Data In Data In 0 0 0 0 Data In Data In Data In Data In |
유사한 부품 번호 - GS8662QT10BGD-333 |
|
유사한 설명 - GS8662QT10BGD-333 |