전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81282Z36GD-200V 데이터시트(PDF) 3 Page - GSI Technology

부품명 GS81282Z36GD-200V
상세설명  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81282Z36GD-200V 데이터시트(HTML) 3 Page - GSI Technology

  GS81282Z36GD-200V Datasheet HTML 1Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 2Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 3Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 4Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 5Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 6Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 7Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 8Page - GSI Technology GS81282Z36GD-200V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
GS81282Z18/36(GB/GD)-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 5/2017
3/32
© 2015, GSI Technology
GS81282Z18GB Pad Out–119-Bump BGA—Top View
1
2
3
4
5
6
7
A
VDDQ
A
A
A
A
A
VDDQ
A
B
NC
E2
A
ADV
A
E3
NC
B
C
NC
A
A
VDD
A
A
NC
C
D
DQB
NC
VSS
ZQ
VSS
DQPA
NC
D
E
NC
DQB
VSS
E1
VSS
NC
DQA
E
F
VDDQ
NC
VSS
G
VSS
DQA
VDDQ
F
G
NC
DQB
BB
A
NC
NC
DQA
G
H
DQB
NC
VSS
W
VSS
DQA
NC
H
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
J
K
NC
DQB
VSS
CK
VSS
NC
DQA
K
L
DQB
NC
NC
NC
BA
DQA
NC
L
M
VDDQ
DQB
VSS
CKE
VSS
NC
VDDQ
M
N
DQB
NC
VSS
A1
VSS
DQA
NC
N
P
NC
DQPB
VSS
A0
VSS
NC
DQA
P
R
A
A
LBO
VDD
FT
A
NC
R
T
A
A
A
A
A
A
ZZ
T
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
U
7 x 17 Bump BGA—14 x 22 mm2 Body—1.27 mm Bump Pitch


유사한 부품 번호 - GS81282Z36GD-200V

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81282Z36GD-200 GSI-GS81282Z36GD-200 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200 GSI-GS81282Z36GD-200 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200 GSI-GS81282Z36GD-200 Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

유사한 설명 - GS81282Z36GD-200V

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GD-250I GSI-GS81282Z18GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81284Z36GB-200IV GSI-GS81284Z36GB-200IV Datasheet
515Kb / 29P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com