전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81284Z18B-167V 데이터시트(PDF) 11 Page - GSI Technology

부품명 GS81284Z18B-167V
상세설명  144Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81284Z18B-167V 데이터시트(HTML) 11 Page - GSI Technology

Back Button GS81284Z18B-167V Datasheet HTML 7Page - GSI Technology GS81284Z18B-167V Datasheet HTML 8Page - GSI Technology GS81284Z18B-167V Datasheet HTML 9Page - GSI Technology GS81284Z18B-167V Datasheet HTML 10Page - GSI Technology GS81284Z18B-167V Datasheet HTML 11Page - GSI Technology GS81284Z18B-167V Datasheet HTML 12Page - GSI Technology GS81284Z18B-167V Datasheet HTML 13Page - GSI Technology GS81284Z18B-167V Datasheet HTML 14Page - GSI Technology GS81284Z18B-167V Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00
GS81284Z18/36B-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 7/2010
11/28
© 2007, GSI Technology
Burst Counter Sequences
BPR 1999.05.18
Sleep Mode
During normal operation, ZZ must be pulled low, either by the user or by its internal pull down resistor. When ZZ is pulled high,
the SRAM will enter a Power Sleep mode after 2 cycles. At this time, internal state of the SRAM is preserved. When ZZ returns to
low, the SRAM operates normally after 2 cycles of wake up time.
Sleep mode is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of
Sleep mode is dictated by the length of time the ZZ is in a High state. After entering Sleep mode, all inputs except ZZ become
disabled and all outputs go to High-Z The ZZ pin is an asynchronous, active high input that causes the device to enter Sleep mode.
When the ZZ pin is driven high, ISB2 is guaranteed after the time tZZI is met. Because ZZ is an asynchronous input, pending
operations or operations in progress may not be properly completed if ZZ is asserted. Therefore, Sleep mode must not be initiated
until valid pending operations are completed. Similarly, when exiting Sleep mode during tZZR, only a Deselect or Read commands
may be applied while the SRAM is recovering from Sleep mode.
Sleep Mode Timing Diagram
tZZR
tZZH
tZZS
tKL
tKL
tKH
tKH
tKC
tKC
CK
ZZ
Designing for Compatibility
The GSI NBT SRAMs offer users a configurable selection between Flow Through mode and Pipeline mode via the FT signal. Not
all vendors offer this option, however most mark the pin VDD or VDDQ on pipelined parts and VSS on flow through parts. GSI NBT
SRAMs are fully compatible with these sockets. Other vendors mark the pin as a No Connect (NC). GSI RAMs have an internal
pull-up device on the FT pin so a floating FT pin will result in pipelined operation. If the part being replaced is a pipelined mode
part, the GSI RAM is fully compatible with these sockets. In the unlikely event the part being replaced is a Flow Through device,
the pin will need to be pulled low for correct operation.


유사한 부품 번호 - GS81284Z18B-167V

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8128018GT-200 GSI-GS8128018GT-200 Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200I GSI-GS8128018GT-200I Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200IV GSI-GS8128018GT-200IV Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-200V GSI-GS8128018GT-200V Datasheet
344Kb / 23P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
GS8128018GT-250 GSI-GS8128018GT-250 Datasheet
347Kb / 24P
   8M x 18, 4M x 32, 4M x 36 144Mb Sync Burst SRAMs
More results

유사한 설명 - GS81284Z18B-167V

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81280Z36GT-200IV GSI-GS81280Z36GT-200IV Datasheet
367Kb / 22P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-200IV GSI-GS81282Z36GD-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z36GT-250I GSI-GS81280Z36GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GD-250I GSI-GS81282Z36GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z18GD-250I GSI-GS81282Z18GD-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-200IV GSI-GS81282Z36GB-200IV Datasheet
439Kb / 33P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81280Z18GT-250I GSI-GS81280Z18GT-250I Datasheet
369Kb / 23P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com