전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFCN-1400 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 LFCN-1400
상세설명  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-1400 데이터시트(HTML) 1 Page - Mini-Circuits

  LFCN-1400 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
10W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
*Passband rating, derate linearly to 3.5W at 100°C ambient.
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Applications
Outline Dimensions (
)
inch
mm
• harmonic rejection
• VHF/UHF transmitters/receivers
• lab use
• excellent power handling, 10W
• small size
• 7 sections
• temperature stable
• patent pending
LFCN-1400
DC-1400
1700
2015
2100-6600
6800
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
30
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
A
B
C
D
E
F
G
.126
.063
.037
.020
.032
.009
.169
3.20
1.60
0.94
0.51
0.81
0.23
4.29
HJ
K
L
M
N
P
wt
.087
.024
.122
.024
.087
.012
.071 grams
2.21
0.61
3.10
0.61
2.21
0.30
1.80
.020
100.00
0.11
1.02
500.00
0.24
1.08
1000.00
0.41
1.11
1400.00
0.72
1.22
1700.00
3.20
3.20
1975.00
24.77
16.89
2000.00
28.65
17.39
2050.00
38.72
17.75
2500.00
34.93
17.75
3000.00
37.62
24.14
4000.00
50.70
39.49
5000.00
45.47
30.49
6600.00
34.00
18.70
6800.00
26.51
16.56
7000.00
16.88
10.89
LFCN-1400
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
100020003000400050006000
7000
FREQUENCY (MHz)
LFCN-1400
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
Model
Price
Qty.
LFCN-1400
$2.99
(10-49)
LFCN-1400D
$3.49
(10-49)
CASE STYLE: FV1206
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-1400D (DC Resistance to
ground is 100 Mohms min.)
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 1400 MHz
Low Pass Filter
Ceramic
LFCN-1400
REV. B
M96263
LFCN-1400
ED-11690/4
AD/CP/AM
050113
NEW!


유사한 부품 번호 - LFCN-1400

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
LFCN-1400++ MINI-LFCN-1400+ Datasheet
322Kb / 1P
   LOW PASS FILTERS
More results

유사한 설명 - LFCN-1400

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com