전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDA25A 데이터시트(PDF) 1 Page - Vitec Power

부품명 STDA25A
상세설명  25W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA25A 데이터시트(HTML) 1 Page - Vitec Power

  STDA25A Datasheet HTML 1Page - Vitec Power STDA25A Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA25A SERIES
25W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 Input Inlet
Output Voltage Available From 5VDC Thru 48VDC
Approved as Limited Power Source (LPS), Splash Proof
Class I Insulation
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Energy Star 2.0, CEC V/IV,and RoHS compliance
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Max Output Power
STDA25A-S02
05 ~ 06 VDC
3.00 ~ 2.75 A
5%
16.5W
STDA25A-S03
06 ~ 08 VDC
3.30 ~ 2.50 A
5%
20W
STDA25A-S04
08 ~ 11 VDC
2.75 ~ 2.00 A
5%
22W
STDA25A-S05
11 ~ 13 VDC
2.27 ~ 1.92 A
5%
25W
STDA25A-S06
13 ~ 16 VDC
1.92 ~ 1.56 A
5%
25W
STDA25A-S07
16 ~ 21 VDC
1.56 ~ 1.19 A
5%
25W
STDA25A-S08
21 ~ 27 VDC
1.19 ~ 0.92 A
3%
25W
STDA25A-S09
27 ~ 33 VDC
0.92 ~ 0.75 A
3%
25W
STDA25A-S10
33 ~ 40 VDC
0.75 ~ 0.62 A
3%
25W
STDA25A-S11
40 ~ 48 VDC
0.62 ~ 0.52 A
3%
25W
The output voltage under 30V had been approved by TUV/PSE.
The model number of S02~S11 had been approved by CEC Level V.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
25
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.4
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
75
85
95
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
1
3
5
%
Over Voltage Protection
Nil
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
14
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.25
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No Load, Vin=240VAC
0
0.4
0.5
W


유사한 부품 번호 - STDA25A

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA25A-S02 Vitec-STDA25A-S02 Datasheet
424Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25A-S03 Vitec-STDA25A-S03 Datasheet
424Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25A-S04 Vitec-STDA25A-S04 Datasheet
424Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25A-S05 Vitec-STDA25A-S05 Datasheet
424Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25A-S06 Vitec-STDA25A-S06 Datasheet
424Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
More results

유사한 설명 - STDA25A

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25A-SERIES Vitec-STDA25A-SERIES Datasheet
424Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25C-SERIES Vitec-STDA25C-SERIES Datasheet
378Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25C Vitec-STDA25C Datasheet
378Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA25B-SERIES Vitec-STDA25B-SERIES Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com