전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX53 데이터시트(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 BCX53
상세설명  Silicon NPN transistor in a SOT-89 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BCX53 데이터시트(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BCX53 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX53 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX53 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX53 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX53 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX53 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCX53
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 6

电参数曲线图 / Electrical Characteristic Curve


유사한 부품 번호 - BCX53

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
BCX53 BILIN-BCX53 Datasheet
299Kb / 5P
   PNP Medium power transistors
logo
Nanjing International G...
BCX53 DGNJDZ-BCX53 Datasheet
278Kb / 2P
   PNP M edium P ow er Transistors
More results

유사한 설명 - BCX53

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SD1664 FOSHAN-2SD1664 Datasheet
963Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
BC868 FOSHAN-BC868 Datasheet
638Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
BC869 FOSHAN-BC869 Datasheet
651Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
KTC4375 FOSHAN-KTC4375 Datasheet
776Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
2SD669TA FOSHAN-2SD669TA Datasheet
905Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
BCX54 FOSHAN-BCX54 Datasheet
825Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
9014T FOSHAN-9014T Datasheet
1,006Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
MJE13001CT FOSHAN-MJE13001CT Datasheet
705Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package.
MMBT3904T FOSHAN-MMBT3904T Datasheet
843Kb / 7P
   Silicon NPN transistor in a SOT-89 Plastic Package
2SD1119 FOSHAN-2SD1119 Datasheet
755Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
2SD2098 FOSHAN-2SD2098 Datasheet
924Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com