전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5229A 데이터시트(PDF) 2 Page - First Components International

부품명 1N5229A
상세설명  1/2 Watt ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5229A 데이터시트(HTML) 2 Page - First Components International

  1N5229A Datasheet HTML 1Page - First Components International 1N5229A Datasheet HTML 2Page - First Components International 1N5229A Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max.
Zener Voltage
Temp. Coeff. (% /oC)
Data Sheet
½ Watt
ZENER DIODES (2.4V to 200V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: 1N5230B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 0.25mA
(Ω)
Part #
Jedec Type #
I
R (µA)
V
R (V)
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
1N5221A or B
1N5222A or B
1N5223A or B
1N5224A or B
1N5225A or B
1N5226A or B
1N5227A or B
1N5228A or B
1N5229A or B
1N5230A or B
1N5231A or B
1N5232A or B
1N5233A or B
1N5234A or B
1N5235A or B
1N5236A or B
1N5237A or B
1N5238A or B
1N5239A or B
1N5240A or B
1N5241A or B
1N5242A or B
1N5243A or B
1N5244A or B
1N5245A or B
1N5246A or B
1N5247A or B
1N5248A or B
1N5249A or B
1N5250A or B
1N5251A or B
1N5252A or B
1N5253A or B
1N5254A or B
1N5255A or B
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
100
100
75
75
50
25
15
10
5
5
5
5
5
5
5
3
3
3
3
3
2
1
.5
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
1
1
1
1
1
1
1
1
1
2
2
3
3.5
4
5
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
15
16
17
18
19
21
21
-0.085
-0.085
-0.08
-0.08
-0.075
-0.07
-0.065
-0.06
+/- 0.055
+/- 0.03
+/- 0.03
+ 0.038
+ 0.038
+ 0.045
+ 0.050
+ 0.058
+ 0.062
+ 0.065
+ 0.068
+ 0.075
+ 0.076
+ 0.077
+ 0.079
+ 0.082
+ 0.082
+ 0.083
+ 0.084
+ 0.085
+ 0.086
+ 0.086
+ 0.087
+ 0.088
+ 0.089
+ 0.090
+ 0.091
Nominal Zener
Voltage,
V
Z (V)
Page 12-3


유사한 부품 번호 - 1N5229A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5229A NJSEMI-1N5229A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Microsemi Corporation
1N5229AUR MICROSEMI-1N5229AUR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results

유사한 설명 - 1N5229A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
1N5226A FCI-1N5226A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230A FCI-1N5230A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com