전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5229A 데이터시트(PDF) 3 Page - First Components International

부품명 1N5229A
상세설명  1/2 Watt ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5229A 데이터시트(HTML) 3 Page - First Components International

  1N5229A Datasheet HTML 1Page - First Components International 1N5229A Datasheet HTML 2Page - First Components International 1N5229A Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet
½ Watt
ZENER DIODES (2.4V to 200V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: 1N5230B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 0.25mA
(Ω)
Part #
Jedec Type #
I
R (µA)
V
R (V)
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
1N5256A or B
1N5257A or B
1N5258A or B
1N5259A or B
1N5260A or B
1N5261A or B
1N5262A or B
1N5263A or B
1N5264A or B
1N5265A or B
1N5266A or B
1N5267A or B
1N5268A or B
1N5269A or B
1N5270A or B
1N5271A or B
1N5272A or B
1N5273A or B
1N5274A or B
1N5275A or B
1N5276A or B
1N5277A or B
1N5278A or B
1N5279A or B
1N5280A or B
1N5281A or B
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
1.5
1.4
1.4
1.3
1.1
1.0
0.95
0.9
0.85
0.8
0.74
0.68
0.66
0.65
49
58
70
80
93
105
125
150
170
185
230
270
330
370
400
500
750
900
1100
1300
1500
1700
1900
2200
2400
2500
600
700
700
800
900
1000
1100
1300
1400
1400
1600
1700
2000
2200
2300
2600
3000
4000
4500
4500
5000
5500
5500
6000
6500
7000
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
23
25
27
30
33
36
39
43
46
47
52
56
62
68
69
76
84
91
99
106
114
122
129
137
144
152
+ 0.091
+ 0.092
+ 0.093
+ 0.094
+ 0.095
+ 0.095
+ 0.096
+ 0.096
+ 0.097
+ 0.097
+ 0.097
+ 0.098
+ 0.098
+ 0.099
+ 0.099
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
Nominal Zener
Voltage,
V
Z (V)
Max.
Zener Voltage
Temp. Coeff. (% /oC)
Page 12-4


유사한 부품 번호 - 1N5229A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5229A NJSEMI-1N5229A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Microsemi Corporation
1N5229AUR MICROSEMI-1N5229AUR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results

유사한 설명 - 1N5229A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
1N5226A FCI-1N5226A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230A FCI-1N5230A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com