전자부품 데이터시트 검색엔진 |
|
1N4007 데이터시트(PDF) 2 Page - Formosa MS |
|
1N4007 데이터시트(HTML) 2 Page - Formosa MS |
2 / 6 page Mechanical data Epoxy : UL94-V0 rated flame retardant • Case : Molded plastic, DO-41 • Lead : Axial leads, solderable per MIL-STD-202, Method 208 guranteed • Polarity: Color band denotes cathode end • Mounting Position : Any • Weight : Approximated 0.33 gram • Package outline Page 2 DO-41 Dimensions in inches and (millimeters) 1.0(25.4) MIN. 1.0(25.4) MIN. .205(5.2) .166(4.2) .034(.9) .028(.7) .107(2.7) .080(2.0) DIA. DIA. Axial Leaded General Purpose Rectifiers Formosa MS 1N4001 THRU 1N4007 Features Axial lead type devices for through hole design. High current capability. High surge capability. Silicon rubber coating chip junction. Lead-free parts meet environmental standards of MIL-STD-19500 /228 • Suffix "-H" indicates Halogen-free parts, ex. 1N4001-H. • • • • • Document ID Issued Date Revised Date Revision Page. 1.0A Axial General Purpose Rectifiers - 50V-1000V Leaded *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage@I =1.0A F PARAMETER CONDITIONS Forward rectified current Forward surge current Reverse current Thermal resistance Diode junction capacitance See Fig.2 8.3ms single half sine-wave (JEDEC methode) Symbol MIN. TYP. MAX. UNIT I O I FSM I R C J A A μA OC/W pF 1.0 30 5.0 50 O V = V T = 25 C R RRM J O V = V T = 100 C R RRM J Junction to ambient 15 50 R θJA 1N4001 1N4002 1N4003 35 70 140 50 100 200 SYMBOLS V RRM (V) V RMS V R (V) (V) *1 *2 *3 V F (V) *4 1N4004 1N4005 280 420 400 600 1.00 -55 to +125 1N4006 1N4007 800 1000 560 700 50 100 200 400 600 800 1000 Storage temperature f=1MHz and applied 4V DC reverse voltage T STG OC +175 -65 O ( C) Operating temperature T , J http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 DS-222111 2008/02/10 2010/03/10 C 6 Maximum ratings and Electrical Characteristics (AT T =25 A oC unless otherwise noted) |
유사한 부품 번호 - 1N4007 |
|
유사한 설명 - 1N4007 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |