전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM4003-L 데이터시트(PDF) 2 Page - Formosa MS

부품명 FM4003-L
상세설명  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4003-L 데이터시트(HTML) 2 Page - Formosa MS

  FM4003-L Datasheet HTML 1Page - Formosa MS FM4003-L Datasheet HTML 2Page - Formosa MS FM4003-L Datasheet HTML 3Page - Formosa MS FM4003-L Datasheet HTML 4Page - Formosa MS FM4003-L Datasheet HTML 5Page - Formosa MS FM4003-L Datasheet HTML 6Page - Formosa MS FM4003-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AC / SMA-L
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
Package outline
Page 2
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
A
A
μA
1.0
30
5.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
Diode junction capacitance
Storage temperature
f=1MHz and applied 4V DC reverse voltage
CJ
T
STG
OC
pF
+175
-65
15
50
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
FM4001-L THRU FM4007-L
Formosa MS
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. FM4001-L-H.
FM4001-L
FM4002-L
FM4003-L
35
70
140
50
100
200
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
FM4004-L
FM4005-L
280
420
400
600
1.10
-55 to +150
FM4006-L
FM4007-L
800
1000
560
700
50
100
200
400
600
800
1000
1.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.209(5.3)
0.185(4.7)
0.012(0.3) Typ.
0.114(2.9)
0.091(2.3)
0.080(2.0)
0.063(1.6)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMA-L
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
Chip General Purpose Rectifiers
Thermal resistance
R
θJA
OC/W
64
Junction to ambient
Junction to case
34
R
θJC
DS-121106
2008/02/10
2015/06/02
F
7


유사한 부품 번호 - FM4003-L

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM4003-L FORMOSA-FM4003-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results

유사한 설명 - FM4003-L

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-S FORMOSA-FM4001-S Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com