전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM4006-S 데이터시트(PDF) 1 Page - Formosa MS

부품명 FM4006-S
상세설명  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4006-S 데이터시트(HTML) 1 Page - Formosa MS

  FM4006-S Datasheet HTML 1Page - Formosa MS FM4006-S Datasheet HTML 2Page - Formosa MS FM4006-S Datasheet HTML 3Page - Formosa MS FM4006-S Datasheet HTML 4Page - Formosa MS FM4006-S Datasheet HTML 5Page - Formosa MS FM4006-S Datasheet HTML 6Page - Formosa MS FM4006-S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
FM4001-S THRU FM4007-S
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121121
2008/02/10
2015/10/12
F
7
Chip General Purpose Rectifiers
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings and
.................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
electrical characteristics
Mechanical data...............................................................................


유사한 부품 번호 - FM4006-S

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM4006-L FORMOSA-FM4006-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4006-L FORMOSA-FM4006-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4006-M FORMOSA-FM4006-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4006-M PACELEADER-FM4006-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4006-M LUGUANG-FM4006-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

유사한 설명 - FM4006-S

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201 FORMOSA-FM201_17 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com