전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2632LS 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SK2632LS
상세설명  擁낂쳵?잆궧?ㅳ긿?곥꺍?곁뵪
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2632LS 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SK2632LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2632LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2632LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2632LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2632LS
No.5531-3/4
100
µs
1ms
10ms
100ms
DC
operation
IDP=7.5A
ID=2.5A
Tc=25
°C
1パルス
Forward Bias A S O
ドレイン・ソース電圧, VDS -- V
1.0
0.1
0.01
10
2
3
2
5
7
3
2
5
7
3
2
5
7
1.0
23
5 7 10
23
5 7 100
23
5 71000
IT00752
Ciss
Coss
Crss
f=1MHz
0
Ciss, Coss, Crss -- VDS
ドレイン・ソース電圧, VDS -- V
3
7
2
5
3
7
2
5
1000
100
10
10
15
20
25
30
5
IT00751
3.0
2.5
2.0
1.5
0.5
1.0
0
0
20
40
60
80
100
120
140
160
PD -- Ta
周囲温度, Ta --
°C
IT00754
30
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
PD -- Tc
ケース温度, Tc --
°C
IT00753
SW Time -- ID
ドレイン電流, ID -- A
2
5
7
10
1.0
3
2
5
7
100
3
2
5
7
1000
3
0.1
23
5
7
1.0
23
5
7
10
0
IF -- VSD
ダイオード順電圧, VSD -- V
2
5
100
10
1.0
0.1
0.01
3
0.001
7
2
5
3
7
2
5
3
7
2
5
3
7
2
5
3
7
0.2
0.4
0.6
0.8
1.0
1.2
IT00749
IT00750
VGS=0
VDD=200V
VGS=15V
td(on)
tr
td(off)
tf
--50
0
VGS(off) -- Tc
ケース温度, Tc --
°C
5
6
7
2
1
3
4
50
100
150
0
IT00748
Tc=
--25
°C
25
°C
75°
C
VDS=10V
VDS=10V
ID=1mA
yfs -- ID
ドレイン電流, ID -- A
5
10
1.0
2
3
0.1
7
5
2
3
7
0.1
7
3
1.0
25
7
3
25
10
IT00747
Operation in
this area is
limited by RDS(on).
<10
µs


유사한 부품 번호 - 2SK2632LS

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
2SK2632LS VBSEMI-2SK2632LS Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
2SK2632LS ISC-2SK2632LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2632LS

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH6428 SANYO-CPH6428 Datasheet
58Kb / 4P
   擁낂쳵?잆궧?ㅳ긿?곥꺍?곁뵪
logo
Lowpower Semiconductor ...
LP7801T POWER-LP7801T Datasheet
961Kb / 7P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801 POWER-LP7801 Datasheet
947Kb / 7P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
logo
Torex Semiconductor
XC6126 TOREX-XC6126 Datasheet
222Kb / 9P
   擁끻컦??遙섊꼐佯??섉찣?썽쎔?㎪쩂?뷴솳
logo
Lowpower Semiconductor ...
LP7801D POWER-LP7801D Datasheet
943Kb / 7P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801L POWER-LP7801L Datasheet
690Kb / 6P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
logo
Torex Semiconductor
XC6423 TOREX-XC6423 Datasheet
649Kb / 24P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com