전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP3205 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 IRFP3205
상세설명  N-Channel MOSFET in a TO-3P Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

IRFP3205 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  IRFP3205 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. IRFP3205 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. IRFP3205 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. IRFP3205 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. IRFP3205 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. IRFP3205 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRFP3205
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-to-Source Breakdown Voltage
VDSS
55
V
Continuous Drain Current
ID(Tc=25℃)
110
A
Continuous Drain Current
ID(Tc=100℃)
80
A
Pulsed Drain Current
IDM
390
A
Gate-to-Source Voltage
VGSS
±20
V
Avalanche Current
IAR
62
A
Single Pulse Avalanche Energy
EAS
1050
mJ
Repetitive Avalanche Energy
EAR
20
mJ
Power Dissipation
PD(Tc=25℃)
320
W
Operating Junction and Storage Temperature
Range
TJ,TSTG
-55 to 150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Drain-to-Source Breakdown
Voltage
BVDSS
VGS=0V
ID=250μA
55
V
Drain-to-Source Leakage
Current
IDSS
VDS=55V
VGS=0V
25
μA
VDS=44V
VGS=0V
TC=150℃
250
μA
Gate-to-Source Forward
Leakage
IGSS
VGS=±20V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250μA
2
4
V
Static Drain-to-Source
On-Resistance
RDS(on)
VGS=10V
ID=62A
8
mΩ
Forward Transconductance
gFS
VDS=25V
ID=62A
44
S
Diode Forward Voltage
VSD
VGS=0V
IS=62A
1.3
V
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1MHz
3247
pF
Output Capacitance
Coss
781
Reverse Transfer Capacitance
Crss
211
Turn-On Delay Time
td(on)
VDD=28V
ID=62A
RG=4.5Ω
14
ns
Rise Time
tr
101
Turn-Off Delay Time
td(off)
50
Fall Time
tf
65
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - IRFP3205

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP3206 ISC-IRFP3206 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP3206PBF IRF-IRFP3206PBF Datasheet
296Kb / 8P
   HEXFET Power MOSFET
IRFP3206PBF IRF-IRFP3206PBF Datasheet
302Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3206PBF IRF-IRFP3206PBF_15 Datasheet
302Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
logo
Inchange Semiconductor ...
IRFP3207Z ISC-IRFP3207Z Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP3205

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
BRU20N90 FOSHAN-BRU20N90 Datasheet
1Mb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
BRP50N20 FOSHAN-BRP50N20 Datasheet
870Kb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
BRU20N50 FOSHAN-BRU20N50 Datasheet
942Kb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
BRF10N60 FOSHAN-BRF10N60 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a TO-220FL Plastic Package
BR100N03 FOSHAN-BR100N03 Datasheet
884Kb / 6P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
BR4145 FOSHAN-BR4145 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-220 Plastic Package
IRFS634 FOSHAN-IRFS634 Datasheet
886Kb / 7P
   N-CHANNEL MOSFET in a TO-220F Plastic Package
IRFS740 FOSHAN-IRFS740 Datasheet
1Mb / 7P
   N-CHANNEL MOSFET in a TO-220F Plastic Package
BRB7N65 FOSHAN-BRB7N65 Datasheet
517Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
BRB7N60 FOSHAN-BRB7N60 Datasheet
753Kb / 6P
   N-CHANNEL MOSFET in a TO-263 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com