전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML6401 데이터시트(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 IRLML6401
상세설명  P- CHANNEL MOSFET in a SOT-23 Plastic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

IRLML6401 데이터시트(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  IRLML6401 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. IRLML6401 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. IRLML6401 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. IRLML6401 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. IRLML6401 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IRLML6401
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
5 / 5
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260
±5℃
Time:10
±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT-23
3,000
10
30,000
8
240,000
7〞×8
180×120×180
385×257×392
使用说明 / Notices


유사한 부품 번호 - IRLML6401

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML6401 IRF-IRLML6401 Datasheet
142Kb / 9P
   HEXFET Power MOSFET
logo
Guangdong Kexin Industr...
IRLML6401 KEXIN-IRLML6401 Datasheet
2Mb / 6P
   P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6401 HOTTECH-IRLML6401 Datasheet
465Kb / 4P
   Power MOSFET
logo
Tiger Electronic Co.,Lt...
IRLML6401 TGS-IRLML6401 Datasheet
2Mb / 6P
   P-Channel Enhancement MOSFET
logo
Shenzhen Tuofeng Semico...
IRLML6401 TUOFENG-IRLML6401 Datasheet
1Mb / 6P
   P-Channel 15-V(D-S) MOSFET
Feb,2018 V1.0
More results

유사한 설명 - IRLML6401

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
   P-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2321 FOSHAN-SI2321 Datasheet
1Mb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3407 FOSHAN-AO3407 Datasheet
968Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com