전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2301 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 SI2301
상세설명  P- CHANNEL MOSFET in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SI2301 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SI2301 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SI2301 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SI2301 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SI2301 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SI2301 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SI2301 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SI2301
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current – Continuous
ID
-2.8
A
Drain Current – Continuous
ID(TA=70℃)
-1.5
A
Pulsed Drain Current
IDM
-10
A
Continuous Source Current (Diode Conduction)
IS
-1.6
A
Power Dissipation
PD
1.25
W
Power Dissipation
PD(TA=70℃)
0.8
W
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Drain–Source Breakdown Voltage
V(BR)DSS
VGS=0V
ID=-250μA-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=-250μA
-0.45
-0.95
V
Static Drain–Source
On–Resistance
RDS(on)1
VGS=-4.5V
ID=-2.8A
0.105
0.13
RDS(on)2
VGS=-2.5V
ID=-2.0A
0.145
0.19
Zero Gate Voltage Drain Current
IDSS(1)
VDS=-20V
VGS=0V
-1
μA
IDSS(2)
VDS=-20V
VGS=0V
Tj=55℃
-10
μA
Gate–Body Leakage
IGSS
VGS=±8V
VDS=0V
±0.1
μA
State Drain Current
ID(1)
VDS≤-5V
VGS=-4.5V
-6
A
ID(2)
VDS≤-5V
VGS=-2.5V
-3
A
Drain–Source Diode Forward
Voltage
VSD
IS=-1.6A
VGS=0V
-0.8
-1.2
V
Forward Transconductance
gFS
VDS=-5V
ID=-2.8A
6.5
S
Input Capacitance
Ciss
VDS=-6V
VGS=0
f=1MHz
415
pF
Output Capacitance
Coss
223
Reverse Transfer Capacitance
Crss
84
Turn–On Delay Time
td(on)
VDD=-6V
RL=6Ω
ID≈-1A
RG=6Ω
VGEN=-4.5V
13
25
ns
Turn–On Rise Time
tr
36
60
Turn–Off Delay Time
td(off)
42
70
Turn–Off Fall Time
tf
34
60
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - SI2301

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SI2301 MCC-SI2301 Datasheet
242Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
SI2301 MCC-SI2301 Datasheet
330Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
MAKO SEMICONDUCTOR CO.,...
SI2301 MAKOSEMI-SI2301 Datasheet
109Kb / 3P
   High dense cell design for extremely low RDS(ON)
logo
ZP Semiconductor
SI2301 ZPSEMI-SI2301 Datasheet
377Kb / 6P
   P-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2301 HOTTECH-SI2301 Datasheet
289Kb / 3P
   Plastic-Encapsulate Mosfets
More results

유사한 설명 - SI2301

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
   P-CHANNEL MOSFET in a SOT-23 Plastic Package
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2321 FOSHAN-SI2321 Datasheet
1Mb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3407 FOSHAN-AO3407 Datasheet
968Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com