전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM36A 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 BYM36A
상세설명  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM36A 데이터시트(HTML) 3 Page - Vishay Siliconix

  BYM36A Datasheet HTML 1Page - Vishay Siliconix BYM36A Datasheet HTML 2Page - Vishay Siliconix BYM36A Datasheet HTML 3Page - Vishay Siliconix BYM36A Datasheet HTML 4Page - Vishay Siliconix BYM36A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
BYM36
Document Number 86012
Rev. 1.6, 12-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Max. Reverse Current vs. Junction Temperature
Figure 5. Max. Forward Current vs. Forward Voltage
0
0
1
2
3
4
Tamb – Ambient Temperature ( °C)
95 9707
40
80
120
160
200
RthJA =25K/W
RthJA =70K/W
VR =VRRM
Half Sinewave
BYM36D, BYM36E
0
40
80
120
160
0.1
1
10
100
1000
200
95 9704
VR =VRRM
Tj - Junction T emperature (°C)
01
2
3
0.001
0.01
0.1
1
10
100
4
95 9708
VF – Forward Voltage(V)
BYM36A, BYM36B, BYM36C
Tj =25° C
Tj = 175°C
Figure 6. Max. Forward Current vs. Forward Voltage
Figure 7. Diode Capacitance vs. Reverse Voltage
01
2
3
0.001
0.01
0.1
1
10
100
4
95 9709
VF – Forward Voltage(V)
BYM36D, BYM36E
Tj =25°C
Tj =175°C
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
VR – Reverse Voltage(V)
16302
f =1 MHz


유사한 부품 번호 - BYM36A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM36A PHILIPS-BYM36A Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Galaxy Semi-Conductor H...
BYM36A BILIN-BYM36A Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYM36A LUGUANG-BYM36A Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36A DSK-BYM36A Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

유사한 설명 - BYM36A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com