전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1578 데이터시트(PDF) 2 Page - NTE Electronics

부품명 NTE1578
상세설명  Integrated Circuit FM Mixer/IF Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1578 데이터시트(HTML) 2 Page - NTE Electronics

  NTE1578 Datasheet HTML 1Page - NTE Electronics NTE1578 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC1 = 8V, VCC2 = 13V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
AGC Control Input
VCL 7
Vi = 100dBu, VAGC = 7V
0.35
0.6
V
VCL 2
Vi = 100dBu, VAGC = 2V
1.2
1.7
2.2
V
IF Input Resistance
RIN
230
330
430
ohm
Voltage Gain
VG
Vi = 62dBu
80
85
90
dB
µ
Input Limiting Voltage
Vi lim
VAGC = 2V
62
71
80
dB
µ
AGC Input Voltage
Vi AGC
VAGC = 2V
62
71
80
dB
µ
Saturation Output Voltage
VOUT
Vi = 100dBµ
91
95
dB
µ
VCC
VCC
RF Input
GND
IF Decoupling
IF Input
OSC Input
RF Input
AGC Output
OSC Input
GND
Mixer Output
Mixer Output
AGC Inhibit
IF Output
AGC Input
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Pin Connection Diagram
.260 (6.6) Max
16
9
18
.785 (19.9)
Max
.200 (5.08)
Max
.245
(6.22)
Min
.300
(7.62)
.700 (17.7)
.100 (2.54)


유사한 부품 번호 - NTE1578

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE157 NTE-NTE157 Datasheet
23Kb / 2P
   Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1572 NTE-NTE1572 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Sound IF Amplifier
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
More results

유사한 설명 - NTE1578

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
NTE736 NTE-NTE736 Datasheet
79Kb / 3P
   Integrated Circuit FM IF Amp
NTE1559 NTE-NTE1559 Datasheet
21Kb / 2P
   Integrated Circuit FM IF Amp, Demod
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
   Integrated Circuit FM/AM IF Amp
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
   Integrated Circuit FM IF TV Amp
NTE1072 NTE-NTE1072 Datasheet
17Kb / 1P
   Integrated Circuit FM-AM IF Amp & AF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
NTE1527 NTE-NTE1527 Datasheet
82Kb / 2P
   Integrated Circuit FM, IF Amp/AFC & Meter Driver
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com