전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18511KTTT 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18511KTTT
상세설명  40-V N-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18511KTTT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CSD18511KTTT Datasheet HTML 3Page - Texas Instruments CSD18511KTTT Datasheet HTML 4Page - Texas Instruments CSD18511KTTT Datasheet HTML 5Page - Texas Instruments CSD18511KTTT Datasheet HTML 6Page - Texas Instruments CSD18511KTTT Datasheet HTML 7Page - Texas Instruments CSD18511KTTT Datasheet HTML 8Page - Texas Instruments CSD18511KTTT Datasheet HTML 9Page - Texas Instruments CSD18511KTTT Datasheet HTML 10Page - Texas Instruments CSD18511KTTT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
C
1.32
1.22
1.4
1.17
8.55
8.15
2X 5.08
2[.0]X
1.36
1.23
15.5
14.7
2[.0]X
0.9
0.77
4.7
4.4
0.25
0
0.25
GAGE PLANE
7.48
7.08
8
0
0.47
0.34
2.6
2
1.75 MAX
B
9.25
9.05
A
10.26
10.06
2.6
2
0.25
GAGE PLANE
1
0.25
C A
B
3
NOTE 3
EXPOSED
THERMAL PAD
OPTIONAL LEAD FORM
2
8
CSD18511KTT
SLPS684 – JULY 2017
www.ti.com
Product Folder Links: CSD18511KTT
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 KTT Package Dimensions
Notes:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Features may not exist and shape may vary per different assembly sites.
Table 1. Pin Configuration
POSITION
DESIGNATION
Pin 1
Gate
Pin 2 / Tab
Drain
Pin 3
Source


유사한 부품 번호 - CSD18511KTTT

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
CSD18511KTT ISC-CSD18511KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - CSD18511KTTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com