전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD401 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 ESD401
상세설명  1-Channel ESD Protection Diode With Robust IEC ESD Performance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ESD401 데이터시트(HTML) 3 Page - Texas Instruments

  ESD401 Datasheet HTML 1Page - Texas Instruments ESD401 Datasheet HTML 2Page - Texas Instruments ESD401 Datasheet HTML 3Page - Texas Instruments ESD401 Datasheet HTML 4Page - Texas Instruments ESD401 Datasheet HTML 5Page - Texas Instruments ESD401 Datasheet HTML 6Page - Texas Instruments ESD401 Datasheet HTML 7Page - Texas Instruments ESD401 Datasheet HTML 8Page - Texas Instruments ESD401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1
2
3
ESD401
www.ti.com
SLVSE49A – JULY 2017 – REVISED JULY 2017
Product Folder Links: ESD401
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DPY Package
2-Pin X1SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IO
I/O
ESD Protected Channel. If used as ESD IO, connect pin 2 to ground
2
IO
I/O
ESD Protected Channel. If used as ESD IO, connect pin 1 to ground


유사한 부품 번호 - ESD401

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
ESD40 COOPER-ESD40 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD40 COOPER-ESD40 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD40 EATON-ESD40 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Socay Electornics Co., ...
ESD40V12D-A SOCAY-ESD40V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
logo
UN Semiconducctor INC
ESD40V12D-A UNSEMI-ESD40V12D-A Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

유사한 설명 - ESD401

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
   1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
Texas Instruments
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
[Old version datasheet]   ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
logo
Diodes Incorporated
D3V3M2B3SO DIODES-D3V3M2B3SO Datasheet
381Kb / 5P
   2 CHANNEL ESD PROTECTION DIODE
November 2022 Rev. 1 - 2
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
logo
Dallas Semiconductor
DS9503 DALLAS-DS9503 Datasheet
68Kb / 3P
   ESD Protection Diode with Resistors
logo
Maxim Integrated Produc...
DS9503 MAXIM-DS9503 Datasheet
73Kb / 4P
   ESD Protection Diode with Resistors
7/09
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com