전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM339J 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM339J
상세설명  Low-Power Low-Offset Voltage Quad Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM339J 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM339J Datasheet HTML 5Page - Texas Instruments LM339J Datasheet HTML 6Page - Texas Instruments LM339J Datasheet HTML 7Page - Texas Instruments LM339J Datasheet HTML 8Page - Texas Instruments LM339J Datasheet HTML 9Page - Texas Instruments LM339J Datasheet HTML 10Page - Texas Instruments LM339J Datasheet HTML 11Page - Texas Instruments LM339J Datasheet HTML 12Page - Texas Instruments LM339J Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
LM339-MIL
www.ti.com
SNOSD54 – JUNE 2017
Product Folder Links: LM339-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
which the output device can sink is limited by the drive available (which is independent of V+) and the β of this
device. When the maximum current limit is reached (approximately 16 mA), the output transistor will come out of
saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the
approximately 60-Ω RSAT of the output transistor. The low offset voltage of the output transistor (4 mV) allows the
output to clamp essentially to ground level for small load currents.
7.4 Device Functional Modes
A basic comparator circuit is used for converting analog signals to a digital output. The output is HIGH when the
voltage on the noninverting (+IN) input is greater than the inverting (-IN) input. The output is LOW when the
voltage on the noninverting (+IN) input is less than the inverting (-IN) input. The inverting input (-IN) is also
commonly referred to as the reference, or VREF, input.
All pins of any unused comparators should be tied to the negative supply.
The bias network of the LM339-MIL device establishes a drain current which is independent of the magnitude of
the power supply voltage over the range of from 2 VDC to 30 VDC.


유사한 부품 번호 - LM339J

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM339J NSC-LM339J Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM339J TI1-LM339J Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
LM339J TI1-LM339J Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

유사한 설명 - LM339J

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
BCD Semiconductor Manuf...
AZ339 BCDSEMI-AZ339_06 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com