전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1316 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 2SA1316
상세설명  Silicon PNP transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1316 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1316 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1316 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1316 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1316 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1316 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1316 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1316
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-80
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-100
mA
Base Current - Continuous
IB
-20
mA
Collector Power Dissipation
PC
400
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-1.0mA
IB=0
-80
V
Collector Cut-Off Current
ICBO
VCB=-80V
IE=0
-0.1
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-0.1
μA
DC Current Gain
hFE
VCE=-6.0V
IC=-2.0mA
200
700
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=-10mA
IB=-1mA
-0.1
V
Base to Emitter Voltage
VBE
VCE=-6.0V
IC=-2.0mA
-0.6
V
Transition Frequency
fT
VCE=-6V
IC=-1.0mA
f=100MHz
50
MHz
Base Spreading Resistance
rbb
VCE=-6V
IC=-1.0mA
f=100MHz
2.0
Collector Output Capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
6.2
pF
Noise Figure
NF
VCE=-6.0V
Rg=10KΩ
IC=-0.1mA
f=10Hz
1.0
6
dB
VCE=-6.0V
Rg=10KΩ
IC=-0.1mA
f=1.0KHz
0.5
2
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - 2SA1316

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1316 TOSHIBA-2SA1316 Datasheet
225Kb / 4P
   TRANSISTOR (FOR LOW NOISE AUDIO AMPLIFIER, RECOMMENDED FOR THE FIRST STAGES OF MC GEAD AMPLIFIERS)
More results

유사한 설명 - 2SA1316

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2N2907 FOSHAN-2N2907 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2N4126 FOSHAN-2N4126 Datasheet
791Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA733 FOSHAN-2SA733 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA984 FOSHAN-2SA984 Datasheet
689Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1091 FOSHAN-2SA1091 Datasheet
933Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1585 FOSHAN-2SA1585 Datasheet
981Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
ZTX750 FOSHAN-ZTX750 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA608K FOSHAN-2SA608K Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA720 FOSHAN-2SA720 Datasheet
790Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1300 FOSHAN-2SA1300 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
MPSA94 FOSHAN-MPSA94 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com