전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1658 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 KTA1658
상세설명  Silicon PNP transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTA1658 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTA1658 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1658 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1658 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1658 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1658 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1658 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTA1658
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-3.0
A
Base Current
IB
-0.3
A
Collector Power Dissipation
PC
2.0
W
Collector Power Dissipation
PC(Tc=25℃)
15
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-10mA
IB=0
-30
V
Collector Cut-Off Current
ICBO
VCB=-20V
IE=0
-1.0
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-1.0
μA
DC Current Gain
hFE(1)
VCE=-2.0V
IC=-0.5A
70
240
hFE(2)
VCE=-2.0V
IC=-2.5A
25
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-2.0A
IB=-0.2A
-0.3
-0.8
V
Collector to Emitter Voltage
VBE
VCE=-2.0V
IC=-0.5A
-0.75
-1.0
V
Transition Frequency
fT
VCE=-2.0V
IC=-0.5A
100
MHz
Collector output capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
40
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - KTA1658

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1658 KEC-KTA1658 Datasheet
124Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1658 KEC-KTA1658 Datasheet
434Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - KTA1658

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SB940 FOSHAN-2SB940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1375 FOSHAN-2SB1375 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1565 FOSHAN-2SB1565 Datasheet
744Kb / 5P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB941 FOSHAN-2SB941 Datasheet
826Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA940A FOSHAN-2SA940A Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA2050 FOSHAN-2SA2050 Datasheet
846Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA1668 FOSHAN-2SA1668 Datasheet
879Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1185 FOSHAN-2SB1185 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
3CA1837 FOSHAN-3CA1837 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
KTA1046 FOSHAN-KTA1046 Datasheet
912Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com