전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB050N15BRV8 데이터시트(PDF) 6 Page - Cystech Electonics Corp.

부품명 MTB050N15BRV8
상세설명  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050N15BRV8 데이터시트(HTML) 6 Page - Cystech Electonics Corp.

  MTB050N15BRV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB050N15BRV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C033V8
Issued Date : 2017.08.21
Revised Date :
Page No. : 6/9
MTB050N15BRV8
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
10
20
30
40
50
01
23
45
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
50
100
150
200
250
300
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=50°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=50°C/W


유사한 부품 번호 - MTB050N15BRV8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB050N15BRH8 CYSTEKEC-MTB050N15BRH8 Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8-0-T6-G CYSTEKEC-MTB050N15BRH8-0-T6-G Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8 CYSTEKEC-MTB050N15BRQ8 Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8-0-T3-G CYSTEKEC-MTB050N15BRQ8-0-T3-G Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB050N15BRV8

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com