전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1473A 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 2SC1473A
상세설명  Silicon NPN transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC1473A 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC1473A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1473A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1473A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1473A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1473A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1473A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC1473(A)
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
2SC1473
250
V
2SC1473A
300
Collector to Emitter Voltage
VCEO
2SC1473
200
V
2SC1473A
300
Emitter to Base Voltage
VEBO
7.0
V
Collector Current - Continuous
IC
70
mA
Collector Current – Continuous(Pulse)
ICP
100
mA
Collector Power Dissipation
PC
750
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Breakdown
Emitter Voltage
VCEO
2SC1473
IC=100μA
IB=0
200
V
2SC1473A
300
Emitter to Base
Breakdown Voltage
VEBO
IE=1.0μA
IC=0
7.0
V
Collector Cut-Off Current
ICEO
VCE=120V
IB=0
1.0
μA
DC Current Gain
hFE
VCE=10V
IC=5.0mA
30
220
Collector to Emitter
Saturation Voltage
VCE(sat)
IC=50mA
IB=5.0mA
1.5
V
Transition Frequency
fT
VCE=10V
IC=10mA
50
MHz
Collector Output
Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
10
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - 2SC1473A

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SC1473A PANASONIC-2SC1473A Datasheet
47Kb / 3P
   Silicon NPN triple diffusion planer type
More results

유사한 설명 - 2SC1473A

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MPSA44 FOSHAN-MPSA44 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003VK1 FOSHAN-MJE13003VK1 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003L1 FOSHAN-MJE13003L1 Datasheet
863Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
KTC3203 FOSHAN-KTC3203 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
KTD1302 FOSHAN-KTD1302 Datasheet
828Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com